Electronic Components Datasheet Search
  English  ▼

X  

ADV7604 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7604
Description  12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7604 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7604 Datasheet HTML 2Page - Analog Devices ADV7604 Datasheet HTML 3Page - Analog Devices ADV7604 Datasheet HTML 4Page - Analog Devices ADV7604 Datasheet HTML 5Page - Analog Devices ADV7604 Datasheet HTML 6Page - Analog Devices ADV7604 Datasheet HTML 7Page - Analog Devices ADV7604 Datasheet HTML 8Page - Analog Devices ADV7604 Datasheet HTML 9Page - Analog Devices ADV7604 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADV7604
Data Sheet
Rev. D | Page 6 of 20
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
I2C PORTS
Normal Mode
xCL Frequency2
100
kHz
xCL Minimum Pulse Width High2
t1
4.0
μs
xCL Minimum Pulse Width
Low2
t2
4.7
μs
Hold Time (Start Condition)2
t3
4.0
μs
Setup Time (Start Condition)2
t4
4.7
μs
xDA Setup Time2
t5
250
ns
xCL and xDA Rise Time2
t6
1000
ns
xCL and xDA Fall Time2
t7
300
ns
Setup Time (Stop Condition)
t8
4.0
μs
DATA AND CONTROL OUTPUTS3
Data Output Transition Time SDR
(CP)
t11
End of valid data to negative clock edge
0.55
ns
Data Output Transition Time SDR
(CP)
t12
Negative clock edge to start of valid data
1.0
ns
VIDEO I2S PORT
Master Mode
SCLK Mark Space Ratio
t13:t14
45:55
55:4
5
% duty
cycle
LRCLK Data Transition Time
t15
End of valid data to negative SCLK
edge
10
ns
LRCLK Data Transition Time
t16
Negative SCLK edge to start of valid
data
10
ns
I2Sx Data Transition Time4
t17
End of valid data to negative SCLK
edge
5
ns
I2Sx Data Transition Time4
t18
Negative SCLK edge to start of valid
data
5
ns
1 The XTAL_CTRL bit in AFE Map 0x4C[7:6] = 10b. This configures the XTAL pins for external oscillator operation. A 1.8 V oscillator must be used.
2 The prefix x refers to S, DDCA_S, DDCB_S, DDCC_S, and DDCD_S.
3 LLC DLL disabled.
4 The suffix x refers to 0, 1, 2, and 3.
TIMING DIAGRAMS
xDA
xCL
t5
t3
t4
t8
t6
t7
t2
t1
t3
NOTES
1. x REFERS TO S, DDCA_S, DDCB_S, DDCC_S, DDCD_S.
Figure 2. I2C Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com