Electronic Components Datasheet Search
  English  ▼

X  

ADV7604 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7604
Description  12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7604 Datasheet(HTML) 1 Page - Analog Devices

  ADV7604 Datasheet HTML 1Page - Analog Devices ADV7604 Datasheet HTML 2Page - Analog Devices ADV7604 Datasheet HTML 3Page - Analog Devices ADV7604 Datasheet HTML 4Page - Analog Devices ADV7604 Datasheet HTML 5Page - Analog Devices ADV7604 Datasheet HTML 6Page - Analog Devices ADV7604 Datasheet HTML 7Page - Analog Devices ADV7604 Datasheet HTML 8Page - Analog Devices ADV7604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
12-Bit, 170 MHz, Video and Graphics
Digitizer with Quad HDMI Receiver
Data Sheet
ADV7604
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks andregistered trademarks are the property oftheir respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Three 12-bit ADCs
ADC sampling rates up to 170 MHz
12-channel analog input mux
525i/625i component analog input
525p/625p component progressive scan support
720p/1080i/1080p/1250i component HDTV support
Digitizes RGB graphics up to 1600 × 1200 at 60 Hz (UXGA)
VBI data slicer (including teletext)
Simultaneous HDMI and analog video sync processing
Ultralow jitter digital PLL
4:1 multiplexed HDMI receiver
HDMI 1.3a support
36-/30-/24-bit deep color support
Flexible audio interface (DSD, DST,
Dolby® TrueHD, DTS®-HD master audio, and DTS-HD
high resolution audio)
225 MHz HDMI receiver
Repeater support
High-bandwidth digital content protection (HDCP 1.3)
Programmable/adaptive equalizer for cable lengths up to
30 meters
Internal EDID RAM
EDID with HDMI cable power support
CEC support
General
S/PDIF (IEC90658-compatible) digital audio output
Highly flexible output interface
12-bit 4:4:4/8-bit 4:2:2 DDR pixel output interface
Dual STDI function support standard identification
2 any-to-any 3 × 3 color space conversion matrices
2 programmable interrupt request output pins
Advanced sync processing for robust sync extraction of
poor video sources
AV.Link support
APPLICATIONS
Advanced TV
PDP HDTVs
LCD TVs (HDTV ready)
LCD/DLP® rear projection HDTVs
CRT HDTVs
LCoS™ HDTVs
AVR video receivers
LCD/DLP front projectors
HDTV STBs with PVR
CRT HDTVs
DVD recorders with progressive scan input support
GENERAL DESCRIPTION
The ADV7604 is a high quality, single chip, multiformat video
decoder, graphics digitizer with an integrated 4:1 multiplexed
High-Definition Multimedia Interface (HDMI®)receiver.
The ADV7604 contains one main componentprocessor (CP)
that processesYPrPb and RGB component formats, including
RGB graphics. The CP also processesthe video signals fromthe
HDMIreceiver. The ADV7604 can operatein quad HDMIand
analog input mode, thus providing simultaneousHDMIand
analog video syncprocessing. This allows for fast switching
between HDMIand the ADCs.
The ADV7604 supports the decoding of a component RGB/
YPrPb video signal into a digital YCrCb or RGB pixel output
stream. The support for componentvideo includes 525i, 625i,
525p, 625p, 720p, 1080i, 1080p, and 1250i standards as well as
many other HD and SMPTEstandards.
Graphics digitization is also supported bythe ADV7604. The
ADV7604 is capable of digitizing RGB graphics signals from
VGA to UXGA rates and converting theminto a digital RGB
or YCrCb pixel output stream.
The ADV7604 incorporatesa quad input HDMI-compatible
receiver that supportsall HDTV formats upto1080panddisplay
resolutions up to UXGA (1600 × 1200 at 60 Hz). The reception
of encrypted video is possible with the inclusion of HDCP. The
HDMIreceiver also includes programmable/adaptiveequaliza-
tion that ensures robustoperation of the interface with cable
lengths up to 30 meters. The HDMIreceiver hasadvanced
audio functionality, such as a mute controller thatprevents
audible extraneousnoise in the audio output.
Fabricated in an advanced CMOS process,the ADV7604 is
provided in a space-saving, 260-ball 15 mm × 15 mm BGA
surface-mount, RoHS-compliant packageand is specified
over the −40°C to +70°C temperaturerange.


Similar Part No. - ADV7604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604BBCZ-5 AD-ADV7604BBCZ-5 Datasheet
80Kb / 2P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604BBCZ-5P AD-ADV7604BBCZ-5P Datasheet
80Kb / 2P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
More results

Similar Description - ADV7604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9502 AD-AD9502 Datasheet
2Mb / 8P
Hybrid RS-170 Video Digitizer
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7840 AD-ADV7840 Datasheet
72Kb / 2P
12-Bit, 170 MHz Video and Graphics Digitizer with 3D Comb Filter Decoder and Quad HDMI 1.3 Receiver
Rev. SpA
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7844 AD-ADV7844 Datasheet
76Kb / 2P
Quad HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
394Kb / 28P
Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. B
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7614BBCZ AD-ADV7614BBCZ Datasheet
330Kb / 20P
12-Bit Deep Color with Quad HDMI Receiver
REV. C
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com