Electronic Components Datasheet Search
  English  ▼

X  

ADV7619 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7619
Description  Dual Port, Xpressview, 3 GHz HDMI Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7619 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7619 Datasheet HTML 7Page - Analog Devices ADV7619 Datasheet HTML 8Page - Analog Devices ADV7619 Datasheet HTML 9Page - Analog Devices ADV7619 Datasheet HTML 10Page - Analog Devices ADV7619 Datasheet HTML 11Page - Analog Devices ADV7619 Datasheet HTML 12Page - Analog Devices ADV7619 Datasheet HTML 13Page - Analog Devices ADV7619 Datasheet HTML 14Page - Analog Devices ADV7619 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADV7619
Rev. D | Page 11 of 24
Pin No.
Mnemonic
Type
Description
52
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
53
DVDD
Power
Digital Core Supply Voltage (1.8 V).
54
P31
Digital video output
Video Pixel Output Port.
55
P30
Digital video output
Video Pixel Output Port.
56
P29
Digital video output
Video Pixel Output Port.
57
P28
Digital video output
Video Pixel Output Port.
58
P27
Digital video output
Video Pixel Output Port.
59
P26
Digital video output
Video Pixel Output Port.
60
P25
Digital video output
Video Pixel Output Port.
61
P24
Digital video output
Video Pixel Output Port.
62
LLC
Digital video output
Pixel Output Clock for the Pixel Data. The range is from 13.5 MHz to 170 MHz.
63
DVDD
Power
Digital Core Supply Voltage (1.8 V).
64
DVDD
Power
Digital Core Supply Voltage (1.8 V).
65
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
66
P23
Digital video output
Video Pixel Output Port.
67
P22
Digital video output
Video Pixel Output Port.
68
P21
Digital video output
Video Pixel Output Port.
69
P20
Digital video output
Video Pixel Output Port.
70
P19
Digital video output
Video Pixel Output Port.
71
P18
Digital video output
Video Pixel Output Port.
72
P17
Digital video output
Video Pixel Output Port.
73
P16
Digital video output
Video Pixel Output Port.
74
P15
Digital video output
Video Pixel Output Port.
75
P14
Digital video output
Video Pixel Output Port.
76
P13
Digital video output
Video Pixel Output Port.
77
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
78
P12
Digital video output
Video Pixel Output Port.
79
DVDD
Power
Digital Core Supply Voltage (1.8 V).
80
P11
Digital video output
Video Pixel Output Port.
81
P10
Digital video output
Video Pixel Output Port.
82
P9
Digital video output
Video Pixel Output Port.
83
P8
Digital video output
Video Pixel Output Port.
84
P7
Digital video output
Video Pixel Output Port.
85
P6
Digital video output
Video Pixel Output Port.
86
P5
Digital video output
Video Pixel Output Port.
87
P4
Digital video output
Video Pixel Output Port.
88
P3
Digital video output
Video Pixel Output Port.
89
P2
Digital video output
Video Pixel Output Port.
90
P1
Digital video output
Video Pixel Output Port.
91
P0
Digital video output
Video Pixel Output Port.
92
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
93
DE
Miscellaneous digital
Data Enable. The DE signal indicates active pixel data.
94
HS
Digital video output
Horizontal Synchronization Output Signal.
95
VS/FIELD/ALSB
Digital video output
VS is a vertical synchronization output signal. FIELD is a field synchronization output
signal in all interlaced video modes. ALSB allows selection of the I2C address.
96
NC
No connect
No Connect. Do not connect to this pin.
97
NC
No connect
No Connect. Do not connect to this pin.
98
NC
No connect
No Connect. Do not connect to this pin.
99
NC
No connect
No Connect. Do not connect to this pin.
100
AP0
Miscellaneous
Audio Output Pin. This pin can be configured to output S/PDIF digital audio, high bit
rate (HBR), or Direct Stream Digital® (DSD®).
101
AP1
Miscellaneous
Audio Output Pin. This pin can be configured to output S/PDIF digital audio, high bit
rate (HBR), Direct Stream Digital (DSD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com