Electronic Components Datasheet Search
  English  ▼

X  

ADV7619 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7619
Description  Dual Port, Xpressview, 3 GHz HDMI Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7619 Datasheet(HTML) 3 Page - Analog Devices

  ADV7619 Datasheet HTML 1Page - Analog Devices ADV7619 Datasheet HTML 2Page - Analog Devices ADV7619 Datasheet HTML 3Page - Analog Devices ADV7619 Datasheet HTML 4Page - Analog Devices ADV7619 Datasheet HTML 5Page - Analog Devices ADV7619 Datasheet HTML 6Page - Analog Devices ADV7619 Datasheet HTML 7Page - Analog Devices ADV7619 Datasheet HTML 8Page - Analog Devices ADV7619 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADV7619
Rev. D | Page 3 of 24
GENERAL DESCRIPTION
The ADV7619 is a high quality, two input, one output (2:1)
multiplexed High-Definition Multimedia Interface (HDMI®)
receiver. The ADV7619 is offered in professional (no HDCP
keys) and commercial versions. The operating temperature
range is 0°C to 70°C.
The ADV7619 incorporates a dual input HDMI-capable
receiver that supports all mandatory 3D TV formats defined in
the HDMI 1.4a specification, HDTV formats up to 1080p 36-bit
Deep Color/2160p 8-bit, and display resolutions up to 4k × 2k
(3840 × 2160 at 30 Hz). It integrates an HDMI CEC controller
that supports the capability discovery and control (CDC) feature.
The ADV7619 incorporates Xpressview® fast switching on both
input HDMI ports. Using the Analog Devices, Inc., hardware-
based HDCP engine to minimize software overhead, Xpressview
technology allows fast switching between both HDMI input ports
in less than 1 sec.
Each HDMI port has dedicated 5 V detect and Hot Plug™ assert
pins. The HDMI receiver also includes an integrated program-
mable equalizer that ensures robust operation of the interface
with long cables.
The ADV7619 offers a flexible audio output port for audio data
extraction from the HDMI stream. HDMI audio formats, includ-
ing SACD via DSD and HBR, are supported by the ADV7619.
The HDMI receiver has advanced audio functionality, such as
a mute controller, that prevents audible extraneous noise in the
audio output.
The ADV7619 contains one main component processor (CP),
which processes video signals from the HDMI receiver up to
1080p 36-bit Deep Color. It provides features such as contrast,
brightness and saturation adjustments, STDI detection block,
free-run, and synchronization alignment controls.
For video formats with pixel clocks higher than 170 MHz, the
video signals received on the HDMI receiver are output directly
to the pixel port output. To accommodate the higher bandwidth
required for these higher resolutions, the output on the pixel bus
consists of two 24-bit buses running at up to 150 MHz: one bus
contains the even pixels, and the other bus contains the odd
pixels. When these two buses are combined, they allow the
transfer of video data with pixel clocks up to 300 MHz. In this
mode, both 4:4:4 RGB 8-bit and 4:2:2 12-bit are supported.
Fabricated in an advanced CMOS process, the ADV7619
is provided in a 14 mm × 14 mm, 128-lead, surface-mount,
RoHS-compliant TQFP_EP package and is specified over the
0°C to 70°C temperature range.
DETAILED FUNCTIONAL BLOCK DIAGRAM
MUTE
XTALP
XTALN
SCL
SDA
CS
CEC
AP1
AP2
AP3
AP4
AP5
AP0
SCLK/INT2*
MCLK/INT2*
INT1
INT2*
P0 TO P11
P12 TO P23
P24 TO P35
P36 TO P47
LLC
HS
VS/FIELD/ALSB
DE
RXB_0±
RXB_1±
RXB_2±
RXA_0±
RXA_1±
RXA_2±
PLLs
RXA_C±
RXB_C±
DDCA_SDA
DDCA_SCL
DDCB_SDA
DDCB_SCL
HPA_A/INT2*
HPA_B
RXA_5V
RXB_5V
EQUALIZER
SAMPLER
EQUALIZER
HDCP
ENGINE
HDCP
KEYS
EDID
REPEATER
CONTROLLER
5V DETECT
AND HDP
CONTROLLER
CEC
CONTROLLER
CONTROL
INTERFACE
I2C
DPLL
CONTROL AND DATA
300MHz VIDEO PATH
HDMI
PROCESSOR
PACKET/
INFOFRAME
MEMORY
AUDIO
PROCESSOR
A
B
C
COMPONENT
PROCESSOR
BACK-END
COLOR
SPACE
CONVERSION
INTERRUPT
CONTROLLER
(INT1, INT2)
DATA
PREPROCESSOR
AND COLOR
SPACE
CONVERSION
PACKET
PROCESSOR
*INT2 CAN BE MADE AVAILABLE ON ONE OF THESE PINS: HPA_A/INT2, MCLK/INT2, OR SCLK/INT2.
SAMPLER
ADV7619
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com