Electronic Components Datasheet Search
  English  ▼

X  

SSM2604 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2604
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2604 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2604 Datasheet HTML 7Page - Analog Devices SSM2604 Datasheet HTML 8Page - Analog Devices SSM2604 Datasheet HTML 9Page - Analog Devices SSM2604 Datasheet HTML 10Page - Analog Devices SSM2604 Datasheet HTML 11Page - Analog Devices SSM2604 Datasheet HTML 12Page - Analog Devices SSM2604 Datasheet HTML 13Page - Analog Devices SSM2604 Datasheet HTML 14Page - Analog Devices SSM2604 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
SSM2604
Rev. B | Page 11 of 28
THEORY OF OPERATION
DIGITAL CORE
Inside the SSM2604 digital core is a central clock source, called
the master clock (MCLK), that produces a reference clock for
all internal audio data processing and synchronization. When
using an external clock source to drive the MCLK pin, great
care should be taken to select a clock source with less than 50 ps
of jitter. Without careful generation of the MCLK signal, the
digital audio quality likely suffers.
To enable the SSM2604 to generate the central reference clock
in a system, connect a crystal oscillator between the MCLK/XTI
input pin and the XTO output pin.
To allow an external device to generate the central reference
clock, apply the external clock signal directly through the MCLK/
XTI input pin. In this configuration, the oscillator circuit of the
SSM2604 can be powered down by using the OSC bit (Register
R6, Bit D5) to reduce power consumption.
To accommodate applications with very high frequency master
clocks, the internal core reference clock of the SSM2604 can be
set to either MCLK or MCLK divided by 2. This is enabled by
adjusting the setting of the CLKDIV2 bit (Register R8, Bit D6).
Complementary to this feature, the CLKOUT pin can also drive
external clock sources with either the core clock signal or the
core clock divided by 2 by enabling the CLKODIV2 bit
(Register R8, Bit D7).
ADC AND DAC
The SSM2604 contains a pair of oversampling Σ-∆ ADCs.
The maximum ADC full-scale input level is 1.0 V rms when
AVDD = 3.3 V. If the input signal to the ADC exceeds this
level, data overloading occurs and causes audible distortion.
The ADC accepts analog audio input from the stereo line
inputs. The digital data from the ADC output, once converted,
is processed using the ADC filters.
Complementary to the ADC channels, the SSM2604 contains a
pair of oversampling Σ-∆ DACs that convert the digital audio
data from the internal DAC filters into an analog audio signal.
The DAC output can also be muted by setting the DACMU bit
(Register R5, Bit D3) in the control register.
ADC HIGH-PASS AND DAC DE-EMPHASIS FILTERS
The ADC and DAC employ separate digital filters that perform
24-bit signal processing. The digital filters are used for both
record and playback modes and are optimized for each individ-
ual sampling rate used.
For recording mode operations, the unprocessed data from the
ADC enters the ADC filters and is converted to the appropriate
sampling frequency, and then is output to the digital audio
interface.
For playback mode operations, the DAC filters convert the digital
audio interface data to oversampled data, using a sampling rate
selected by the user. The oversampled data is processed by the
DAC and then is sent to the analog output mixer by enabling
the DACSEL (Register R4, Bit D4).
Users have the option of setting up the device so that any dc
offset in the input source signal is automatically detected and
removed. To accomplish this, enable the digital high-pass filter
(see Table 2 for characteristics) contained in the ADC digital
filters by using the ADCHPF bit (Register R5, Bit D0).
In addition, users can implement digital de-emphasis by using
the DEEMPH bits (Register R5, Bit D1 and Bit D2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com