Electronic Components Datasheet Search
  English  ▼

X  

SSM2604 Datasheet(PDF) 15 Page - Analog Devices

Part # SSM2604
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2604 Datasheet(HTML) 15 Page - Analog Devices

Back Button SSM2604 Datasheet HTML 11Page - Analog Devices SSM2604 Datasheet HTML 12Page - Analog Devices SSM2604 Datasheet HTML 13Page - Analog Devices SSM2604 Datasheet HTML 14Page - Analog Devices SSM2604 Datasheet HTML 15Page - Analog Devices SSM2604 Datasheet HTML 16Page - Analog Devices SSM2604 Datasheet HTML 17Page - Analog Devices SSM2604 Datasheet HTML 18Page - Analog Devices SSM2604 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
SSM2604
Rev. B | Page 15 of 28
SOFTWARE CONTROL INTERFACE
The software control interface provides access to the user-
selectable control registers and can operate with a 2-wire (I2C®)
interface.
Within each control register is a control data-word consisting
of 16 bits, MSB first. Bit D15 to Bit D9 are the register map
address, and Bit D8 to Bit D0 are register data for the associated
register map.
SDIN generates the serial control data-word; SCLK clocks the
serial data,
The device address for the SSM2604 is 0011010.
CONTROL REGISTER SEQUENCING
1. Enable all of the necessary power management bits of
Register R6 with the exception of the out bit (Bit D4). The
out bit should be set to 1 until the final step of the control
register sequence.
2. After the power management bits are set, program all other
necessary registers, with the exception of the active bit
[Register R9, Bit D0] and the out bit of the power
management register.
3. As described in the Digital Core section of the Theory of
Operation, insert enough delay time to charge the VMID
decoupling capacitor before setting the active bit [Register
R9, Bit D0].
4. Finally, to enable the DAC output path of the SSM2603, set
the out bit of Register R6 to 0.
P
9
8
1 TO 7
9
8
1 TO 7
9
8
1 TO 7
S
SDIN
SCLK
START
ADDR
R/W
ACK
ACK
SUBADDRESS
ACK
STOP
DATA
Figure 24. 2-Wire I2C Generalized Clocking Diagram
WRITE
SEQUENCE
READ
SEQUENCE
SA1
A7
A0
A(S)
A(S)
S
D15
D9
0
01
0P
0
...
A1
A7
A0
A(S)
...
D0
D8
D7
A(M)
A(M)
...
D0
D7
P
...
...
...
DEVICE
ADDRESS
DEVICE
ADDRESS
REGISTER
ADDRESS
SA1
A7
A0
A(S)
A(S)
A(S)
D15
D9
D8
0
...
...
DEVICE
ADDRESS
REGISTER
ADDRESS
REGISTER
DATA
(SLAVE DRIVE)
REGISTER
DATA
S/P = START/STOP BIT.
A0 = I2C R/W BIT.
A(S) = ACKNOWLEDGE BY SLAVE.
A(M) = ACKNOWLEDGE BY MASTER.
A(M) = ACKNOWLEDGE BY MASTER (INVERSION).
Figure 25. I2C Write and Read Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com