Electronic Components Datasheet Search
  English  ▼

X  

BB170 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB170
Description  VHF variable capacitance diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB170 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB170 Datasheet HTML 1Page - NXP Semiconductors BB170 Datasheet HTML 2Page - NXP Semiconductors BB170 Datasheet HTML 3Page - NXP Semiconductors BB170 Datasheet HTML 4Page - NXP Semiconductors BB170 Datasheet HTML 5Page - NXP Semiconductors BB170 Datasheet HTML 6Page - NXP Semiconductors BB170 Datasheet HTML 7Page - NXP Semiconductors BB170 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BB170
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 25 March 2013
2 of 8
NXP Semiconductors
BB170
VHF variable capacitance diode
4.
Marking
5.
Limiting values
6.
Characteristics
[1]
See Figure 2.
[2]
See Figure 1 and Figure 3.
Table 3.
Marking
Type number
Marking code
BB170
4H
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
30
V
IF
forward current
-
20
mA
Tstg
storage temperature
55
+150
C
Tj
junction temperature
55
+125
C
Table 5.
Characteristics
Tj = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ Max Unit
IR
reverse current
VR =30V
[1] --
10
nA
VR =30V; Tj =85 C
[1] --
200
nA
rs
diode series resistance
f = 100 MHz; Cd =12pF
-
-
0.9
Cd
diode capacitance
f = 1 MHz
[2]
VR = 1 V
36.8 -
41.8 pF
VR = 28 V
2.4
2.6
2.75 pF
Cd(1V)/Cd(28V)
diode capacitance ratio
(1 Vto28V)
f = 1 MHz
14.5 15
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com