Electronic Components Datasheet Search
  English  ▼

X  

BB170 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BB170
Description  VHF variable capacitance diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB170 Datasheet(HTML) 3 Page - NXP Semiconductors

  BB170 Datasheet HTML 1Page - NXP Semiconductors BB170 Datasheet HTML 2Page - NXP Semiconductors BB170 Datasheet HTML 3Page - NXP Semiconductors BB170 Datasheet HTML 4Page - NXP Semiconductors BB170 Datasheet HTML 5Page - NXP Semiconductors BB170 Datasheet HTML 6Page - NXP Semiconductors BB170 Datasheet HTML 7Page - NXP Semiconductors BB170 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BB170
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 25 March 2013
3 of 8
NXP Semiconductors
BB170
VHF variable capacitance diode
f=1MHz; Tj =25 C.
Fig 1.
Diode capacitance as a function of reverse voltage; typical values.
Tj =0 C to 85 C.
Fig 2.
Reverse current as a function of junction
temperature; maximum values.
Fig 3.
Diode capacitance temperature coefficient as a
function of reverse voltage; typical values.
mlc266
20
30
10
40
50
Cd
(pF)
0
VR (V)
10−1
102
10
1
001aae541
102
10
103
IR
(nA)
1
Tj (°C)
0
100
80
40
60
20
VR (V)
10−1
102
10
1
001aag774
10−3
10−4
10−2
TCCd
(K−1)
10−5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com