Electronic Components Datasheet Search
  English  ▼

X  

1069576 Datasheet(PDF) 3 Page - SICK AG

Part # 1069576
Description  NON-CONTACT SAFETY SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1069576 Datasheet(HTML) 3 Page - SICK AG

  1069576 Datasheet HTML 1Page - SICK AG 1069576 Datasheet HTML 2Page - SICK AG 1069576 Datasheet HTML 3Page - SICK AG 1069576 Datasheet HTML 4Page - SICK AG 1069576 Datasheet HTML 5Page - SICK AG 1069576 Datasheet HTML 6Page - SICK AG 1069576 Datasheet HTML 7Page - SICK AG 1069576 Datasheet HTML 8Page - SICK AG 1069576 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STR1-SAFU0AC8 | STR1
NON-CONTACT SAFETY SWITCHES
Status display
✔
Electrical data
Protection class
III (IEC 61140)
Classification according to cULus
Class 2
Supply voltage Vs
24 V DC (19.2 V DC ... 28.8 V DC)
Power consumption
50 mA
Type of output
Semiconductor (OSSD)
Output current
≤ 100 mA
Response time
40 ms 1)
Enable time
100 ms 1) 2)
Risk time
80 ms 1) 3)
Switch-on time
2.5 s 4)
1) In a cascade, each downstream safety switch increases the system response time. More response times can be found in the operating instructions.
2) Response time on approach to the enable zone.
3) Detection time for internal oder external faults (e.g., short-circuit or cross-circuit of output signal switching devices). Follow the detailed information in the operating
instructions.
4) The stated time applies for one sensor after application of the supply voltage to the safety switch. In case of a cascade 0.1 s must be added per sensor. For uniquely
coded or permanently coded sensors 0.5 s must be added additionally per taught-in actuator.
Mechanical data
Dimensions (W x H x D)
40 mm x 18 mm x 26 mm
Weight
68 g
Housing material
VISTAL®
Ambient data
Enclosure rating
IP67 (EN 60529)
IPX9K (ISO 20653)
Ambient operating temperature
–10 °C ... +70 °C
Storage temperature
–25 °C ... +70 °C
Vibration resistance
10 Hz ... 55 Hz, 1 mm (IEC 60068-2-6)
Shock resistance
30 g, 11 ms (IEC 60068-2-27)
EMC
EN IEC 61326-3-1
EN IEC 60947-5-2
EN IEC 60947-5-3
EN 300330 V2.1.1
Classifications
ECl@ss 5.0
27272403
ECl@ss 5.1.4
27272403
ECl@ss 6.0
27272403
ECl@ss 6.2
27272403
ECl@ss 7.0
27272403
ECl@ss 8.0
27272403
ECl@ss 8.1
27272403
ECl@ss 9.0
27272403
ETIM 5.0
EC001829
2018-09-06 10:37:18 | Online data sheet
Subject to change without notice
SAFETY SWITCHES | SICK
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com