Electronic Components Datasheet Search
  English  ▼

X  

1069576 Datasheet(PDF) 6 Page - SICK AG

Part # 1069576
Description  NON-CONTACT SAFETY SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1069576 Datasheet(HTML) 6 Page - SICK AG

  1069576 Datasheet HTML 1Page - SICK AG 1069576 Datasheet HTML 2Page - SICK AG 1069576 Datasheet HTML 3Page - SICK AG 1069576 Datasheet HTML 4Page - SICK AG 1069576 Datasheet HTML 5Page - SICK AG 1069576 Datasheet HTML 6Page - SICK AG 1069576 Datasheet HTML 7Page - SICK AG 1069576 Datasheet HTML 8Page - SICK AG 1069576 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
STR1-SAFU0AC8 | STR1
NON-CONTACT SAFETY SWITCHES
Connection diagram
1
2
3
4
5
6
7
8
Aux output (not safe)
Voltage supply 24 V DC
Not connected
Enable input for OSSD 2
OSSD 1
OSSD 2
Voltage supply 0 V DC
Enable input for OSSD 1
2
1
6
4
8
5
3
7
Connection single sensor
2
3
1
①  Safe evaluation unit
②  Connecting cable with 8-pin, M12 female connector and flying leads (e.g., YF2A18-xxxUA5LEAX)
③  STR1 transponder safety switch (e.g., STR1-SAxx0AC8)
6
SAFETY SWITCHES | SICK
Online data sheet | 2018-09-06 10:37:18
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com