Electronic Components Datasheet Search
  English  ▼

X  

FSA2267AMUX Datasheet(PDF) 13 Page - ON Semiconductor

Part # FSA2267AMUX
Description  Low-Voltage Dual-SPDT Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2267AMUX Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FSA2267AMUX Datasheet HTML 8Page - ON Semiconductor FSA2267AMUX Datasheet HTML 9Page - ON Semiconductor FSA2267AMUX Datasheet HTML 10Page - ON Semiconductor FSA2267AMUX Datasheet HTML 11Page - ON Semiconductor FSA2267AMUX Datasheet HTML 12Page - ON Semiconductor FSA2267AMUX Datasheet HTML 13Page - ON Semiconductor FSA2267AMUX Datasheet HTML 14Page - ON Semiconductor FSA2267AMUX Datasheet HTML 15Page - ON Semiconductor FSA2267AMUX Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2267 / FSA2267A Rev. 1.0.5
12
Physical Dimensions
Figure 18. 10-Lead, MicroPak™, 1.6 x 2.1mm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in
any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor
representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairch-
ild’s worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
For current tape and reel specifications, visit Fairchild Semiconductor’s online packaging area:
http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf.
BOTTOM VIEW
TOP VIEW
RECOMMENDED LAND PATTERN
SIDE VIEW
2X
2X
NOTES:
A. PACKAGE CONFORMS TO JEDEC
REGISTRATION MO-255, VARIATION UABD
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. PRESENCE OF CENTER PAD IS PACKAGE
SUPPLIER DEPENDENT. IF PRESENT
IS NOT INTENDED TO BE SOLDERED A
HAS A BLACK OXIDE FINISH.
E. DRAWING FILENAME: MKT-MAC10Arev5.
0.10 C
0.10
CA B
0.05
C
IDENT IS
ER THAN
ER LINES
B
C
0.35
0.25
9X
9X
1
4
9
6
0.25
0.15
10
5
0.50
0.56
1.62
0.05
0.00
0.05 C
0.55 MAX
0.05 C
1.60
(0.35)
(0.25)
0.50
10X
10X
(0.11)
1.12
1.62
KEEPOUT ZONE, N
OR VIAS ALLOWED
(0.20)
(0.15)
0.35
0.25
0.35
0.25
AIL A
DETAIL A 2X SCALE
0.35
0.25
0.65
0.55
D
ALL FEATURES
(0.36)
(0.29)
0.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com