Electronic Components Datasheet Search
  English  ▼

X  

FSA2267AMUX Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSA2267AMUX
Description  Low-Voltage Dual-SPDT Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2267AMUX Datasheet(HTML) 3 Page - ON Semiconductor

  FSA2267AMUX Datasheet HTML 1Page - ON Semiconductor FSA2267AMUX Datasheet HTML 2Page - ON Semiconductor FSA2267AMUX Datasheet HTML 3Page - ON Semiconductor FSA2267AMUX Datasheet HTML 4Page - ON Semiconductor FSA2267AMUX Datasheet HTML 5Page - ON Semiconductor FSA2267AMUX Datasheet HTML 6Page - ON Semiconductor FSA2267AMUX Datasheet HTML 7Page - ON Semiconductor FSA2267AMUX Datasheet HTML 8Page - ON Semiconductor FSA2267AMUX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2267 / FSA2267ARev. 1.0.5
2
Analog Symbols
Figure 2. Analog Symbol
Connections Diagram
Truth Table
Pin Descriptions
Figure 3. 10-Lead MSOP
Figure 4. 10-Lead Micropak
Control Input(s)
Function
LOW Logic Level
B0 Connected to A
HIGH Logic Level
B1 Connected to A
Pin
Name
Function
1, 2, 3, 4, 6, 9
1B0, 1B1, 2B0, 2B1, 2A, 1A
Data Ports
8, 7
1S, 2S
Control Input
10
VCC
Supply Voltage
5
GND
Ground
1B0
1B1
2B0
2B1
1A
2A
1S
2S
1B0
1B1
2B0
2B1
GND
Vcc
1A
1S
2S
2A
10
9
8
7
6
1
2
3
4
5
1B0
1B1
2B0
2B1
1A
1S
2S
2A
9
8
7
6
1
2
3
4
Vcc
GND
10
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com