Electronic Components Datasheet Search
  English  ▼

X  

5236 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # 5236
Description  Normal mount & push-push eject type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

5236 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  5236 Datasheet HTML 1Page - Kyocera Kinseki Corpotation 5236 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QUESTIONS/HELP: E-Mail us… ked@avx.com
Our URL…
http://avx.com
1.3mm
Single
Specification
Single
Dual
Height
1.30mm
2.75mm
Width
14.4mm
16.28mm
Length
16.2mm
17.22mm
No. of pin
counts
8
16
Current rating
0.5A/contact
Voltage rating
5V/contact
Operation Temp.
-40 to +85 deg. C
Mating durability
3,000 times
Compliance
RoHS + Halogen Free
2.75m
m
Dual
Key Selling Features / Benefits:
User-friendly Push-Push type adopted for a secure card operation.
Equipped with Wrong Card Detection protection.
Equipped with Closed Card Detection switch, contributing to lower power
consumption.
Common PCB layout between Single and Dual styles.
Correct card insertion lifts the shell guide
Card insertion
Correct card insertion
Guide on shell to stop the insertion of a wrong card.
Wrong card insertion



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com