Electronic Components Datasheet Search
  English  ▼

X  

5236 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # 5236
Description  Normal mount & push-push eject type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

5236 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  5236 Datasheet HTML 1Page - Kyocera Kinseki Corpotation 5236 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QUESTIONS/HELP: E-Mail us… ked@avx.com
Our URL…
http://avx.com
Series 5236 for µSIM
Card Connector
SPECIFICATION
 No. of Positions : 8 or 16 pin
 Pitch: 0.7mm
 Height: Single 1.30mm, Dual 2.75mm
 Rated Current: DC 0.5A
 Rated Voltage: DC 5.0V
 Withstanding Voltage: AC 500Vrms/min.
APPLICATION & MARKETS
The 5236 Series are Memory Card Connectors for µSIM cards. These
products are user-friendly, push-push types featuring a spring-eject
mechanism with a nice “click” feeling. A shell-guide mechanism prevents
incorrect card insertion and unwanted card ejection. In addition, a normally-
closed switch detects the existence of the card. A dual type is also available
which does not require card replacement and enables the user to insert two
cards at the same time. These low profile, space-saving connectors are
suitable for compact mobile applications such as smartphones and tablet
PCs.
PRODUCT OPTIONS
 Low profile, space-saving design with
1.3mm height, 14.4mm width, and
16.2mm depth in the single type, and
2.75mm height, 16.28mm width (with
tail), and 17.22mm depth in the dual type.
 Normal mount & push-push eject type
 Shell-guide mechanism prevents
incorrect card insertion and unwanted
card ejection.
 Plating Specifications
 Equipped with a normally-closed card
switch to detect the existence of the card
contributing to lower power consumption
 Improved workability with an ensured card
ejection distance of 3.8mm.
 3,000 mating cycles are guaranteed.
 Contact Material: Copper alloy
 Insulator Material: Heat resistance plastic
 Operating Temperature Range: -40 to
+85°C


Similar Part No. - 5236

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52365-0629 MOLEX-52365-0629 Datasheet
301Kb / 3P
1.0 BOARD TO BOARD CONN. REC. HSG. ASS′Y SMT.
04/05/07 REV 0
52365-0829 MOLEX-52365-0829 Datasheet
301Kb / 3P
1.0 BOARD TO BOARD CONN. REC. HSG. ASS′Y SMT.
04/05/07 REV 0
52365-0871 MOLEX-52365-0871 Datasheet
301Kb / 3P
1.0 BOARD TO BOARD CONN. REC. HSG. ASS′Y SMT.
04/05/07 REV 0
52365-1029 MOLEX-52365-1029 Datasheet
301Kb / 3P
1.0 BOARD TO BOARD CONN. REC. HSG. ASS′Y SMT.
04/05/07 REV 0
52365-1071 MOLEX-52365-1071 Datasheet
301Kb / 3P
1.0 BOARD TO BOARD CONN. REC. HSG. ASS′Y SMT.
04/05/07 REV 0
More results

Similar Description - 5236

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2900 3M-2900 Datasheet
216Kb / 4P
Card Connector microSD - Normal Polarization, Push-Push, Surfacemount
31-Oct-2006
logo
Molex Electronics Ltd.
5025700893 MOLEX11-5025700893 Datasheet
396Kb / 5P
1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
5031820852 MOLEX11-5031820852 Datasheet
336Kb / 5P
1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
5033980891 MOLEX11-5033980891 Datasheet
447Kb / 5P
1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
logo
3M Electronics
2908-05WB-MG 3M-2908-05WB-MG Datasheet
216Kb / 4P
Normal Polarization, Push-Push, Surfacemount
31-Oct-2006
logo
Molex Electronics Ltd.
5025700893 MOLEX1-5025700893_19 Datasheet
30Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5027020891 MOLEX1-5027020891_19 Datasheet
34Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5031821832 MOLEX1-5031821832_19 Datasheet
54Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type, 1.45mm Height
5031821852 MOLEX1-5031821852_19 Datasheet
54Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type, 1.45mm Height, Anti-card fly-out
5033981892 MOLEX1-5033981892_19 Datasheet
30Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type, 1.28mm Height
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com