Electronic Components Datasheet Search
  English  ▼

X  

5738 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # 5738
Description  Normal type, Inner tail, H=2.9mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

5738 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  5738 Datasheet HTML 1Page - Kyocera Kinseki Corpotation 5738 Datasheet HTML 2Page - Kyocera Kinseki Corpotation 5738 Datasheet HTML 3Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD Card Connector
SERIES
5738
Normal type, Outer tail, H=2.8mm
LOCK
POSITION
PROJECTION:0.35mm MAX.
注文コード
ORDERING CODE
14 5738 009 784 859+
梱包数量 250 個
/ リール
PACKING QUANTITY:250/Reel
RoHS 対応品
RoHS Compliant Product



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com