Electronic Components Datasheet Search
  English  ▼

X  

5738 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # 5738
Description  Normal type, Inner tail, H=2.9mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

5738 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  5738 Datasheet HTML 1Page - Kyocera Kinseki Corpotation 5738 Datasheet HTML 2Page - Kyocera Kinseki Corpotation 5738 Datasheet HTML 3Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD Card Connector
SERIES
5738
Normal type, Inner tail, H=2.9mm
0.9 (PROJECTION FROM INSULATOR)
LOCK POSITION
注文コード
ORDERING CODE
14 5738 009 302 859+
梱包数量 250 個
/ リール
PACKING QUANTITY:250/Reel
RoHS 対応品
RoHS Compliant Product


Similar Part No. - 5738

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5738 POMONA-5738 Datasheet
814Kb / 3P
Universal Adapter Kit
5738 POMONA-5738 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Festo Corporation.
573805 FESTO-573805 Datasheet
92Kb / 2P
Pneumatic valve
573806 FESTO-573806 Datasheet
94Kb / 2P
Pneumatic valve
573807 FESTO-573807 Datasheet
93Kb / 2P
Pneumatic valve
More results

Similar Description - 5738

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MLV1005 MCC-MLV1005 Datasheet
78Kb / 5P
Normal Type Multilayer Varistor
MLV3225L180PT MCC-MLV3225L180PT Datasheet
308Kb / 2P
Normal Type Multilayer Varistor
logo
Lucky Light Electronic
GB-274 LUCKY-LIGHT-GB-274 Datasheet
42Kb / 1P
Round Type LED Lamps (2.9mm)
logo
AVX Corporation
14-5638-009-211-859 AVX-14-5638-009-211-859 Datasheet
434Kb / 4P
Normal type, Outer tail,Without ejector
145638009511859 AVX-145638009511859 Datasheet
434Kb / 4P
Normal type, Outer tail,Without ejector
logo
Assmann Electronics Inc...
AK678-6-R ASSMANN-AK678-6-R Datasheet
84Kb / 1P
BOTH Connectors With Normal Type
logo
Pasternack Enterprises,...
PE36034 PASTERNACK-PE36034 Datasheet
224Kb / 1P
CABLE ASSEMBLY, RG405/U 2.9mm FEMALE TO 2.9mm FEMALE
logo
Shenzhen Putianhe Techn...
TM1805 PTH-TM1805 Datasheet
255Kb / 9P
Inner-type LED
logo
Amphenol SV Microwave
1115-6131 SVMICROWAVE-1115-6131 Datasheet
84Kb / 1P
2.9MM F TO 2.9MM F STR. ADAPTER
04/21
logo
ALPS ELECTRIC CO.,LTD.
SKRKAEE020 ALPS-SKRKAEE020 Datasheet
662Kb / 4P
SKRK 3.9 × 2.9mm Compact (Surface Mount Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com