Electronic Components Datasheet Search
  English  ▼

X  

LM4041L-12-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM4041L-12-AE3-R
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4041L-12-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM4041L-12-AE3-R Datasheet HTML 1Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 2Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 3Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 4Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 5Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 6Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM4041
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 7
www.unisonic.com.tw
QW-R101-027.E
ABSOLU T E M AX I M U M RAT I N G (TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Continuous Cathode Voltage
VZ
15
V
Continuous Cathode Current
IZ
-10~+25
mA
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOM M EN DED OPERAT I N G CON DI T I ON S
PARAMETER
SYMBOL
RATINGS
UNIT
Cathode Current (max)
IZ
12
mA
Reverse Breakdown Voltage
VZ
10
V
Operating Temperature
TA
-40~+85
°C
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
206
°C/W
Note: Maximum power dissipation is a function of TJ(max),
θJA, and Ta. The maximum allowable power dissipation at
any allowable ambient temperature is PD = (TJ(max) – TA)/
θJA. Operating at the absolute maximum TJ of 150°C
can affect reliability.
ELECT RI CAL CH ARACT ERI ST I CS (TA =-40°C~ +85°C, unless otherwise specified.)
FOR UTC LM4041-1.2
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reverse Breakdown Voltage
VREF
IZ = 100
μA, TA=25°C
1.225
V
TA=25°C
-12
12
mV
Reverse Breakdown Voltage
Tolerance
IZ = 100
μA
TA=-40°C~+85°C
-24
24
mV
TA=25°C
0.7
2.0
mV
IZ(MIN) < IZ < 1mA
TA=-40°C~+85°C
2.5
mV
TA=25°C
2.5
8
mV
Reverse Breakdown Voltage
Change With Operating Current
Change
Z
REF
I
∆
V
∆
1mA < IZ < 12mA
TA=-40°C~+85°C
10
mV
TA=25°C
45
65
μA
Minimum Operating Current
IZ(MIN)
TA=-40°C~+85°C
70
μA
IZ =10mA, TA=25°C
±20
ppm/°C
TA=25°C
±15
ppm/°C
IZ=1mA
TA=-40°C~+85°C
±150 ppm/°C
Temperature Coefficient of Output
Voltage (Note)
TCVO
IZ=100
μA, TA=25°C
±15
ppm/°C
Reverse Dynamic Impedance
ZZ
IZ=1mA, IAC=0.1IZ, f=120Hz, TA=25°C
0.5
2.0
Ω
Output Voltage Noise
eN
IZ =100
μA, 10Hz ≤ f ≤ 10 kHz, TA=25°C
20
μVrms
Long-term Stability of Reverse
Breakdown Voltage
t=1000h, IZ=100
μA, TA= 25°C±0.1°C,
120
ppm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com