Electronic Components Datasheet Search
  English  ▼

X  

LM4041L-12-AE3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LM4041L-12-AE3-R
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4041L-12-AE3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LM4041L-12-AE3-R Datasheet HTML 1Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 2Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 3Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 4Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 5Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 6Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LM4041
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 7
www.unisonic.com.tw
QW-R101-027.E
ELECT RI CAL CH ARACT ERI ST I CS (Cont .)
FOR UTC LM4041-ADJ
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
VREF
VZ=5V, IZ = 100
μA, TA=25°C
1.233
V
TA=25°C
-12
12
mV
Reference Voltage Tolerance
VZ=5V, IZ = 100
μA
TA=-40°C~+85°C
-24
24
mV
TA=25°C
0.7
2
mV
IZ(MIN) < IZ < 1mA
TA=-40°C~+85°C
2.5
mV
TA=25°C
2
6
mV
Reference Voltage Change With
Cathode Current Change
Z
REF
I
∆
V
∆
1mA < IZ < 12mA
TA=-40°C~+85°C
8
mV
TA=25°C
-1.55
-2
mV/V
Reference Voltage Change With
Output Voltage Change
KA
REF
V
∆
V
∆
IZ=1mA
TA=-40°C~+85°C
-3
mV/V
TA=25°C
45
75
μA
Minimum Cathode Current
IZ(MIN)
TA=-40°C~+85°C
80
μA
TA=25°C
60
150
nA
Feedback Current
IFB
TA=-40°C~+85°C
200
nA
VZ=5V, IZ =10mA, TA=25°C
±20
ppm/°C
TA=25°C
±15
ppm/°C
VZ=5V, IZ=1mA
TA=-40°C~+85°C
±150 ppm/°C
Temperature Coefficient of Output
Voltage (Note)
TCVO
VZ=5V, IZ=100
μA, TA=25°C
±15
ppm/°C
VZ=VREF, IZ=1mA, IAC=0.1IZ
f=120Hz, TA=25°C
0.3
Ω
Reverse Dynamic Impedance
ZZ
VZ=10V, IZ=1mA, IAC=0.1IZ
f=120Hz, TA=25°C
2
Ω
Output Voltage Noise
eN
VZ=VREF, IZ =100
μA
10Hz
≤ f ≤ 10 kHz, TA=25°C
20
μVrms
Long-term Stability of Reverse
Breakdown Voltage
t=1000h, IZ=100
μA, TA= 25°C±0.1°C,
120
ppm
Note: Reference voltage and average temperature coefficient change with output voltage (VZ).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com