Electronic Components Datasheet Search
  English  ▼

X  

7B33 Datasheet(PDF) 4 Page - Analog Devices

Part # 7B33
Description  ISOLATED, VOLTAGE OR CURRENT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B33 Datasheet(HTML) 4 Page - Analog Devices

  7B33 Datasheet HTML 1Page - Analog Devices 7B33 Datasheet HTML 2Page - Analog Devices 7B33 Datasheet HTML 3Page - Analog Devices 7B33 Datasheet HTML 4Page - Analog Devices 7B33 Datasheet HTML 5Page - Analog Devices 7B33 Datasheet HTML 6Page - Analog Devices 7B33 Datasheet HTML 7Page - Analog Devices 7B33 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7B33
Rev. 0 | Page 4 of 8
Input Transient Protection
ANSI/IEEE C376.90.1-1989
IEEE-STD 472
IEC 255-4, Class II
Output Resistance
< 1
Ω
Voltage Output Protection
Continuous Short to Ground
Power Supply
Voltage Range, Operating
+14 V dc to +35 V dc
Current
+20 mA, maximum
DSensitivity
±0.0001%/% of Vs
Mechanical Dimensions
1.663" x 2.11" x 0.563"
(42.24 mm x 53.6 mm x 14.3 mm)
Weight
60 grams
Environmental
Temperature Range
Operating
-40°C to +85°C
Storage
-40°C to +85°C
Relative Humidity, 24 hours
0 to 90% @ +60°C non-condensing
ESD Sensitivity
IEC 801-2, Level 2
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
Warm-up time required to meet specifications is approximately 10 minutes.
* Contact factory for OEM requirements.
1Model 7B33 may be used to measure a process current input by installing a 250
Ω current sensing resistor, such as Model AC1391, on the backplane. With this resistor, the current
loop is maintained even when the 7B33 module is removed from the backplane.
2Includes the combined effects of repeatability, hysteresis, and nonlinearity.
3Nonlinearity is calculated using best-fit straight line method.
4 Input offset term is included in the output offset specification.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com