Electronic Components Datasheet Search
  English  ▼

X  

7B33 Datasheet(PDF) 3 Page - Analog Devices

Part # 7B33
Description  ISOLATED, VOLTAGE OR CURRENT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B33 Datasheet(HTML) 3 Page - Analog Devices

  7B33 Datasheet HTML 1Page - Analog Devices 7B33 Datasheet HTML 2Page - Analog Devices 7B33 Datasheet HTML 3Page - Analog Devices 7B33 Datasheet HTML 4Page - Analog Devices 7B33 Datasheet HTML 5Page - Analog Devices 7B33 Datasheet HTML 6Page - Analog Devices 7B33 Datasheet HTML 7Page - Analog Devices 7B33 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7B33
Rev. 0 | Page 3 of 8
7B33 Models Available
Model
Input Range
Output Range
7B33-01-1
+1 V to +5 V
+1 V to +5 V
7B33-01-2
0 V to +5 V
0 V to +10 V
7B33-01-1
+4 mA to +20 mA1
+1 V to +5 V
7B33-01-2
0 mA to +20 mA1
0 V to +10 V
7B33 Specifications
(typical @ +23°C ±5°C and Vs = +24 V dc)
Description
Model 7B33
Input Range1
Standard Ranges
+1 V to +5 V; 0 V to +5 V (Refer to Model Table)
Custom Ranges
Not Available*
Output Range Options (RL > 2 kΩ)
+1 V to +5 V or 0 V to +10 V
Accuracy1
Initial @ +25°C
±0.01% Span (±0.1% Span, maximum)
Nonlinearity3
±0.02% Span, maximum
Input Offset vs. Temperature
N/A4
Span vs. Temperature
±15 ppm/°C
Output Offset vs. Temperature
±0.003% span/°C
Input Bias Current
±0.1 nA
Input Resistance
Power ON
2 M
Ω
Power OFF
30 k
Ω, minimum
Output Noise
5 MHz Bandwidth
6 mV peak
10 Hz to 100 kHz Bandwidth
0.4 mV rms
0.1 Hz to 10 Hz Bandwidth
4 µV peak
Bandwidth, -3 dB
100 Hz
Output Rise Time, 10% to 90% Span
10 ms
Common-Mode Voltage (CMV)
Input-to-Output and Power
1500 V rms continuous
Common Mode Rejection (CMR)
Input-to-Output and Power @ 50/60 Hz
105 dB
Input Protection
120 V rms, continuous



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com