Electronic Components Datasheet Search
  English  ▼

X  

1836421 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1836421
Description  Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1836421 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1836421 Datasheet HTML 1Page - PHOENIX CONTACT 1836421 Datasheet HTML 2Page - PHOENIX CONTACT 1836421 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1836421
09/06/2018   Page 1 / 3
Printed-circuit board connector - CCA 2,5/10-G P20 THR - 1836421
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 10, pitch: 5 mm, color:
black, contact surface: Tin, mounting: THR soldering, User information and design recommendations for
through hole reflow technology can be found under “Downloads”
Why buy this product
 Designed for integration into the SMT soldering process
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Closed contour for optimum stability of the plug-in connection
Key Commercial Data
Packing unit
50 STK
GTIN
GTIN
4055626020723
Technical data
Dimensions
Length [ l ]
12 mm
Width
52.8 mm
Pitch
5 mm
Dimension a
45 mm
Width [ w ]
52.8 mm
Height [ h ]
10.57 mm
Constructional height
8.57 mm
Length of the solder pin
2 mm
Pin dimensions
1 x 1 mm
Length
12 mm
General
Range of articles
CCA 2,5/..-G
Insulating material group
IIIa


Similar Part No. - 1836421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836422 PHOENIX-1836422 Datasheet
77Kb / 5P
Printed-circuit board connector - MC 1,5/ 4-ST-3,81 AU
More results

Similar Description - 1836421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836531 PHOENIX-1836531 Datasheet
85Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
1836528 PHOENIX-1836528 Datasheet
85Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
1836447 PHOENIX-1836447 Datasheet
85Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
1836874 PHOENIX-1836874 Datasheet
85Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
1837019 PHOENIX-1837019 Datasheet
91Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
1837174 PHOENIX-1837174 Datasheet
86Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
1837200 PHOENIX-1837200 Datasheet
85Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
1837310 PHOENIX-1837310 Datasheet
92Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
1837352 PHOENIX-1837352 Datasheet
91Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
1837433 PHOENIX-1837433 Datasheet
102Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com