Electronic Components Datasheet Search
  English  ▼

X  

1836421 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1836421
Description  Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1836421 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1836421 Datasheet HTML 1Page - PHOENIX CONTACT 1836421 Datasheet HTML 2Page - PHOENIX CONTACT 1836421 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1836421
09/06/2018   Page 2 / 3
Printed-circuit board connector - CCA 2,5/10-G P20 THR - 1836421
Technical data
General
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Maximum load current
12 A (per position)
Insulating material
LCP
Flammability rating according to UL 94
V0
Color
black
Number of positions
10
Packaging information
Type of packaging
packed in cardboard
Pieces per package
50
Denomination packing units
Pcs.
Standards and Regulations
Connection in acc. with standard
EN-VDE
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Approvals
Approvals
Approvals
cULus Recognized
Ex Approvals
Approval details



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com