Electronic Components Datasheet Search
  English  ▼

X  

1836984 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1836984
Description  Designed for integration into the SMT soldering process
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1836984 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1836984 Datasheet HTML 1Page - PHOENIX CONTACT 1836984 Datasheet HTML 2Page - PHOENIX CONTACT 1836984 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1836984
09/06/2018   Page 1 / 3
Printed-circuit board connector - CC 2,5/ 9-GF-LR
P20THRR88 - 1836984
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 9, pitch: 5 mm, color:
black, contact surface: Tin, mounting: THR soldering
The figure shows an 10-position
version
Why buy this product
 Designed for integration into the SMT soldering process
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
 Screwable flange for superior mechanical stability
Key Commercial Data
Packing unit
330 STK
Minimum order quantity
330 STK
GTIN
GTIN
4055626021379
Technical data
Dimensions
Length [ l ]
12 mm
Width
55 mm
Pitch
5 mm
Dimension a
40 mm
Width [ w ]
55 mm
Height [ h ]
10.57 mm
Constructional height
8.57 mm
Length of the solder pin
2 mm
Pin dimensions
1 x 1 mm


Similar Part No. - 1836984

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18369 VICOR-18369 Datasheet
148Kb / 4P
16. Through-hole Socket Mount System (InMate)
logo
PHOENIX CONTACT
1836900 PHOENIX-1836900 Datasheet
85Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
1836901 PHOENIX-1836901 Datasheet
351Kb / 17P
Printed-circuit board connector - MVSTBW 2,5/ 4-ST-5,08 BK
1836914 PHOENIX-1836914 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 3-ST-5,08 BK
1836939 PHOENIX-1836939 Datasheet
91Kb / 3P
Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
More results

Similar Description - 1836984

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836803 PHOENIX-1836803 Datasheet
101Kb / 3P
Designed for integration into the SMT soldering process
1836780 PHOENIX-1836780 Datasheet
101Kb / 3P
Designed for integration into the SMT soldering process
1836492 PHOENIX-1836492 Datasheet
85Kb / 3P
Designed for integration into the SMT soldering process
1836476 PHOENIX-1836476 Datasheet
85Kb / 3P
Designed for integration into the SMT soldering process
1836832 PHOENIX-1836832 Datasheet
100Kb / 3P
Designed for integration into the SMT soldering process
1836845 PHOENIX-1836845 Datasheet
100Kb / 3P
Designed for integration into the SMT soldering process
1837242 PHOENIX-1837242 Datasheet
85Kb / 3P
Designed for integration into the SMT soldering process
1837491 PHOENIX-1837491 Datasheet
101Kb / 3P
Designed for integration into the SMT soldering process
1837653 PHOENIX-1837653 Datasheet
91Kb / 3P
Designed for integration into the SMT soldering process
logo
Beckhoff Automation Gmb...
C7015 BECKHOFF-C7015 Datasheet
118Kb / 2P
Industrial PC in IP 65 for direct integration into the machine
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com