Electronic Components Datasheet Search
  English  ▼

X  

1836984 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1836984
Description  Designed for integration into the SMT soldering process
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1836984 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1836984 Datasheet HTML 1Page - PHOENIX CONTACT 1836984 Datasheet HTML 2Page - PHOENIX CONTACT 1836984 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1836984
09/06/2018   Page 2 / 3
Printed-circuit board connector - CC 2,5/ 9-GF-LR
P20THRR88 - 1836984
Technical data
Dimensions
Length
12 mm
General
Range of articles
CC 2,5/..-GF-LR
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Insulating material
LCP
Flammability rating according to UL 94
V0
Color
black
Number of positions
9
Packaging information
Type of packaging
88 mm wide tape
Pieces per package
330
Denomination packing units
Pcs.
[W] tape width
88 mm
[A] coil diameter
330 mm
[W2] coil overall dimension
94.4 mm
Outer packaging type
Transparent-Bag
Standards and Regulations
Connection in acc. with standard
EN-VDE
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Approvals
Approvals
Approvals
cULus Recognized



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com