Electronic Components Datasheet Search
  English  ▼

X  

VGS-150B Datasheet(PDF) 2 Page - CUI INC

Part # VGS-150B
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-150B Datasheet(HTML) 2 Page - CUI INC

  VGS-150B Datasheet HTML 1Page - CUI INC VGS-150B Datasheet HTML 2Page - CUI INC VGS-150B Datasheet HTML 3Page - CUI INC VGS-150B Datasheet HTML 4Page - CUI INC VGS-150B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 06/20/2018
│ page 2 of 5
CUI Inc
│ SERIES: VGS-150B │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
via input selector switch1
88
176
115
230
132
264
Vac
Vac
frequency
47
63
Hz
current
at 115 Vac, full load
at 230 Vac, full load
3.0
1.7
A
A
inrush current
at 230 Vac, cold start, full load
40
A
leakage current
3.5
mA
no load power consumption
at 230 Vac
0.5
W
Notes:
1. Input selector must be set to match input voltage or damage could occur.
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
48 Vdc output model
all other models
±0.5
±1
%
%
load regulation
12 Vdc output model
24 Vdc output model
48 Vdc output model
±2
±1
±0.5
%
%
%
adjustability
built in trim pot
±10
%
start-up time
at 115/230 Vac, full load
0.5
s
rise time
at 115/230 Vac, full load
80
ms
hold-up time
at 115/230 Vac, full load
20
ms
switching frequency
65
kHz
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
output shutdown, must recycle power to recover
110
150
%
over current protection
output shutdown, auto recovery
110
150
%
short circuit protection
output shutdown, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute, 10 mA
input to ground for 1 minute, 10 mA
output to ground for 1 minute, 10 mA
1,500
1,500
500
Vac
Vac
Vac
isolation resistance
input to output at 500 Vdc
input to ground at 500 Vdc
output to ground 500 Vdc
100
100
100
MΩ
MΩ
MΩ
safety approvals
IEC/EN 60950-1, UL 60950-1
safety class
class I
conducted emissions
EN 55032:2015, Class B
radiated emissions
EN 55032:2015, Class B
input current harmonics
EN 61000-3-2:2014, Class A
voltage fluctuation and flicker
EN 61000-3-3:2013, Class A
ESD immunity
IEC 61000-4-2, air: ±8 kV; contact: ±4 kV, Class A
radiated field immunity
IEC 61000-4-3, 3 V/m, Class A
electrical fast transient
immunity
IEC 61000-4-4, Ac power port: 1 kV;
signal & telecommunication ports: 0.5 kV, Class B
Notes:
2. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com