Electronic Components Datasheet Search
  English  ▼

X  

VGS-150B Datasheet(PDF) 3 Page - CUI INC

Part # VGS-150B
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-150B Datasheet(HTML) 3 Page - CUI INC

  VGS-150B Datasheet HTML 1Page - CUI INC VGS-150B Datasheet HTML 2Page - CUI INC VGS-150B Datasheet HTML 3Page - CUI INC VGS-150B Datasheet HTML 4Page - CUI INC VGS-150B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 06/20/2018
│ page 3 of 5
CUI Inc
│ SERIES: VGS-150B │ DESCRIPTION: AC-DC POWER SUPPLY
SAFETY & COMPLIANCE (CONTINUED)
parameter
conditions/description
min
typ
max
units
surge immunity
IEC 61000-4-5, input L to input N: 1 kV;
input L to FG: 2 kV; input N to FG: 2 kV, Class C
conducted immunity
IEC 61000-4-6, frequency range: 0.15~80 MHz;
field strength: 3 Vms, Class A
magnetic field immunity
IEC 61000-4-8, 1 A/m, Class A
voltage dips, interruptions
IEC 61000-4-11:
voltage dips >95% reduction, 0.5 period, Class A
voltage dips 30% reduction, 25 period, Class B
voltage dips >95% reduction, 250 period, Class C
MTBF
as per MIL-HDBK-217F, 25°C
200,000
hours
RoHS
yes
Notes:
1. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-20
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
non-condensing
10
95
%
DERATING CURVES
Output Load vs. Ambient Temperature
(Natural Convection)
Ambient Temperature (°C)
-20
60
80
100
40
20
030
0
70
10
20
40
50
60
Output Load vs. Input Voltage
(at 25°C, Natural Convection)
Input (Vac)
88
176
60
80
100
40
20
100
200
132
264
0
110
220
120
240
90
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com