Electronic Components Datasheet Search
  English  ▼

X  

LM2463 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2463
Description  Monolithic Triple 4 ns CRT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2463 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2463 Datasheet HTML 1Page - National Semiconductor (TI) LM2463 Datasheet HTML 2Page - National Semiconductor (TI) LM2463 Datasheet HTML 3Page - National Semiconductor (TI) LM2463 Datasheet HTML 4Page - National Semiconductor (TI) LM2463 Datasheet HTML 5Page - National Semiconductor (TI) LM2463 Datasheet HTML 6Page - National Semiconductor (TI) LM2463 Datasheet HTML 7Page - National Semiconductor (TI) LM2463 Datasheet HTML 8Page - National Semiconductor (TI) LM2463 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM2463
Monolithic Triple 4 ns CRT Driver
General Description
The LM2463 is an integrated high voltage CRT driver circuit
designed for use in color monitor applications. The IC con-
tains three high input impedance, wide band amplifiers
which directly drive the RGB cathodes of a CRT. Each
channel has its gain internally set to −20 and can drive CRT
capacitive loads as well as resistive loads present in other
applications, limited only by the package’s power dissipation.
The IC is packaged in an industry standard 11-lead TO-220
molded plastic power package. See Thermal Considerations
section.
Features
n
Higher gain to match LM126X CMOS preamplifiers
n
0V to 3.75V input range
n
Stable with 0–20 pF capacitive loads and inductive
peaking networks
n
Convenient TO-220 staggered lead package style
n
Maintains standard LM240X Family pinout which is
designed for easy PCB layout
Applications
n
1600 x 1200 displays up to 70Hz refresh
n
Pixel clock frequencies up to 180 MHz
n
Monitors using video blanking
Schematic and Connection Diagrams
DS200128-1
FIGURE 1. Simplified Schematic Diagram
(One Channel)
DS200128-2
Note: TabisatGND
Top View
Order Number LM2463TA
February 2001
© 2001 National Semiconductor Corporation
DS200128
www.national.com


Similar Part No. - LM2463

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM246 STMICROELECTRONICS-LM246 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
LM246 STMICROELECTRONICS-LM246 Datasheet
149Kb / 4P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2003
logo
National Semiconductor ...
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
Monolithic Triple Channel High Swing CRT Driver
logo
Texas Instruments
LM2460 TI1-LM2460 Datasheet
2Mb / 13P
Monolithic Triple Channel High Swing CRT Driver
logo
National Semiconductor ...
LM2460TA NSC-LM2460TA Datasheet
951Kb / 11P
Monolithic Triple Channel High Swing CRT Driver
More results

Similar Description - LM2463

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
Monolithic Triple 3 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
Monolithic Triple 7 ns CRT Driver
LM2408 NSC-LM2408 Datasheet
154Kb / 8P
Monolithic Triple 4.5 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
LM2413 NSC-LM2413 Datasheet
697Kb / 11P
Monolithic Triple 4 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
Monolithic Triple 9.5 ns CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
Monolithic Triple 7.0 ns CRT Driver
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com