Electronic Components Datasheet Search
  English  ▼

X  

FSA9285A Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA9285A
Description  MCPC-Compliant, USB-Port, Multimedia Switch with Auto-Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA9285A Datasheet(HTML) 2 Page - ON Semiconductor

  FSA9285A Datasheet HTML 1Page - ON Semiconductor FSA9285A Datasheet HTML 2Page - ON Semiconductor FSA9285A Datasheet HTML 3Page - ON Semiconductor FSA9285A Datasheet HTML 4Page - ON Semiconductor FSA9285A Datasheet HTML 5Page - ON Semiconductor FSA9285A Datasheet HTML 6Page - ON Semiconductor FSA9285A Datasheet HTML 7Page - ON Semiconductor FSA9285A Datasheet HTML 8Page - ON Semiconductor FSA9285A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
January 2015
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA9285A • Rev. 1.3
FSA9285A
— MCPC-Compliant, USB-Port, Multimedia Switch
with Auto-Detection, 12 V VBUS
Features
Switch Type
Audio, FS/HS-USB, Charging
Switch Mechanism
Programmable Switching with
Available Interrupt
Accessory Detection
Headsets with MIC and Send/End
USB Data Cable
USB Chargers (Car, CDP, DCP)
USB On-The-Go (OTG)
MCPC Specification Compliant
Programmable Modes
USB
FS and HS 2.0 Compliant
USB Charging
Battery Charging 1.2 Compliant
Integrated FET, Charger Detect,
OCP (1.45 A), OVP (6.5 V - 14.0 V)
Audio
Left, Right, MIC (Negative Swing)
Built-in Termination Resistors for
Audio Pop Reduction
VBAT
2.7 to 4.4 V
Programmability
I
2C
ESD
15 kV IEC 61000-4-2 Air Gap
Package
20-Lead, WLCSP (2.010 x 1.672 x
0.625 mm, 0.4 mm Pitch)
Ordering Information
FSA9285AUCX
Description
The FSA9285A is a high-performance multimedia switch
featuring automatic switching and accessory detection for a USB
port. The FSA9285A allows sharing of a common USB port to
pass audio and USB data while simultaneously charging.
In addition, the FSA9285A integrates detection of accessories
such as headphones, headsets Mobile Computing Promotion
Consortium (MCPC) with MIC and Send/End, car chargers,
USB chargers, USB On-The-Go (OTG), and Accessory
Charging Adapters (ACA) to use a common USB connector.
The FSA9285A can be programmed for manual or automatic
switching of USB data paths based on the accessory detected.
With an integrated 14 V over-voltage and 1.45 A over-current
protected FET, the FSA9285A integrates common USB
protection functions for VBUS.
Applications
Mobile Phones, Portable Media Players



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com