Electronic Components Datasheet Search
  English  ▼

X  

FSA9285A Datasheet(PDF) 21 Page - ON Semiconductor

Part # FSA9285A
Description  MCPC-Compliant, USB-Port, Multimedia Switch with Auto-Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA9285A Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FSA9285A Datasheet HTML 17Page - ON Semiconductor FSA9285A Datasheet HTML 18Page - ON Semiconductor FSA9285A Datasheet HTML 19Page - ON Semiconductor FSA9285A Datasheet HTML 20Page - ON Semiconductor FSA9285A Datasheet HTML 21Page - ON Semiconductor FSA9285A Datasheet HTML 22Page - ON Semiconductor FSA9285A Datasheet HTML 23Page - ON Semiconductor FSA9285A Datasheet HTML 24Page - ON Semiconductor FSA9285A Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA9285A • Rev. 1.3
20
Bit #
Name
Size (Bits)
Description
3
Resistor Code
Change
1
1: Mask Resistor Code value-change interrupt.
0: Do not mask Resistor Code value-change interrupt.
2
VBUS_Valid
1
1: Mask VBUS_Valid state-change interrupt.
0: Do not mask VBUS_Valid state-change interrupt.
1
BC1.2_Complete
1
1: Mask BC1.2_complete interrupt.
0: Do not mask BC1.2_complete interrupt.
0
Do Not Use
1
N/A
Table 11. Resistor Code
Address: 07H
Reset Value: 00000000
Type: Read
Bit #
Name
Size (Bits)
Description
7:5
Do Not Use
3
N/A
4:0
Resistor Code
5
Resistor code value read from ID_CON (see Table 3 Resistor Identification).
Table 12. Timing Set
Address: 08H
Reset Value: 00000000
Type: Read/Write
Bit #
Name
Size (Bits)
Description
7:4
Do Not Use
4
N/A
3:0
Resistor Detection
Time
4
Time to complete the ID_CON resistance measurement for accessory detection
(see Table 13).
Table 13. Timing Table for Timing Set Register
Setting Value
Resistor Detection Time (ms)
0000
50
0001
100
0010
150
0011
200
0100
300
0101
400
0110
500
0111
600
1000
700
1001
800
1010
900
1011
1000
1100
1101-1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com