Electronic Components Datasheet Search
  English  ▼

X  

FSAV430 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSAV430
Description  Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSAV430 Datasheet(HTML) 5 Page - ON Semiconductor

  FSAV430 Datasheet HTML 1Page - ON Semiconductor FSAV430 Datasheet HTML 2Page - ON Semiconductor FSAV430 Datasheet HTML 3Page - ON Semiconductor FSAV430 Datasheet HTML 4Page - ON Semiconductor FSAV430 Datasheet HTML 5Page - ON Semiconductor FSAV430 Datasheet HTML 6Page - ON Semiconductor FSAV430 Datasheet HTML 7Page - ON Semiconductor FSAV430 Datasheet HTML 8Page - ON Semiconductor FSAV430 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAV430 • Rev. 1.0.2
4
DC Electrical Characteristics
Typical values are at TA= +25°C.
Symbol
Parameter
Conditions
VCC (V)
TA= -40 to +85°C
Min.
Typ.
Max.
Units
VANALOG
Analog Signal Range
0
2
V
VIK
Clamp Diode Voltage
IIN=-18mA
3.0
-1.2
V
VIH
High-Level Input Voltage
3.0 to 3.6
2.0
V
VIL
Low-Level Input Voltage
3.0 to 3.6
0.8
V
II
Input Leakage Current
0
 V
IN  3.6V
3.6
±1.0
µA
IOFF
Off-State Leakage Current
0
 A, B  V
CC
3.6
±1.0
µA
RON
Switch On Resistance
(3)
VIN=1.0V, RI=75, ION=13mA
3.0
5.0
7.0

VIN=2.0V, RI=75, ION=26mA
3.0
4.5
6.0
RFLAT(ON) On Resistance Flatness
(4)
IOUT=13mA, VIN=0 to VCC
3.0
1
ICC
Quiescent Supply Current
VIN=VCC or GND, IOUT=0
3.6
1
µA
I
CC
Increase in ICC per Input
One Input at 3.0V
Other Inputs at VCC or GND
3.6
30
mA
Notes:
3.
Measured by the voltage drop between the A and B pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the A or B pins.
4.
Flatness is defined as the difference between the maximum and minimum value on resistance over the specified
range of conditions.
AC Electrical Characteristics
Typical values are at VCC=3.3V and TA= +25°C.
Symbol
Parameter
Conditions
VCC
TA=-40 to+85°C
Units
Figure
Min.
Typ.
Max.
tON
Turn On Time
S to Bus A
Bn=2V
3.0 to 3.6
4.8
7.0
ns
Figure 11,
Figure 12
Output Enable
Time OE to A
4.5
6.8
tOFF
Turn Off Time
S to Bus A
Bn=2V
3.0 to 3.6
2.2
4.0
ns
Figure 11,
Figure 12
Output Disable
Time OE to A
2.2
3.5
DG
Differential Gain
RL=75, f=3.58MHz
3.0 to 3.6
0.2
%
Figure 5,
Figure 6
DP
Differential Phase
RL=75, f=3.58MHz
3.0 to 3.6
0.1
°
Figure 5,
Figure 6
OIRR
Non-Adjacent
Off Isolation
RL=75, f=30MHz
3.0 to 3.6
-40
dB
Figure 7,
Figure 13
XTALK
Non-Adjacent
Channel Crosstalk
RL=75, f=30MHz
3.0 to 3.6
-60
dB
Figure 8,
Figure 14
BW
-3dB Bandwidth
RL=50
3.0 to 3.6
800
Figure 4,
Figure 15
RL=75
600
Capacitance
Typical values are at VCC= 3.3V and TA=+25°C.
Symbol
Parameter
Conditions
Typ.
Units
CIN
Control Pin Input Capacitance
VCC=0V
2.5
pF
CON
A/B On Capacitance
VCC=3.3V, /OE=0V
12.0
pF
COFF
Port B Off Capacitance
VCC=/OE=3.3V
4.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com