Electronic Components Datasheet Search
  English  ▼

X  

FSSD06 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSSD06
Description  SD/SDIO and MMC Two-Port Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD06 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSSD06 Datasheet HTML 2Page - ON Semiconductor FSSD06 Datasheet HTML 3Page - ON Semiconductor FSSD06 Datasheet HTML 4Page - ON Semiconductor FSSD06 Datasheet HTML 5Page - ON Semiconductor FSSD06 Datasheet HTML 6Page - ON Semiconductor FSSD06 Datasheet HTML 7Page - ON Semiconductor FSSD06 Datasheet HTML 8Page - ON Semiconductor FSSD06 Datasheet HTML 9Page - ON Semiconductor FSSD06 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD06 • Rev. 1.0.5
5
DC Electrical Characteristics at 1.8V VDDH
All typical values are for VDDH=1.8V at 25°C unless otherwise specified.
Symbol
Parameter
VDDC1 /
VDDC2 (V)
Conditions
TA=- 40°C to +85°C
Unit
Min.
Typ.
Max.
Common Pins
VIK
Clamp Diode Voltage
2.7
IIK=-18mA
-1.2
V
VIH
Control Input Voltage
High
2.7
VDDH=1.65V
1.3
VIL
Control Input Voltage Low
2.7
0.5
IIN
S, /OE Input High Current
3.6
VDDH=1.95V, VCNTRL=0V to
VDDH
-1
1
µA
IOZ
Off Leakage, Current of
all ports
3.6
VDDH=1.95V, VSW=0V to VDDX
-1.0
0.5
1.0
µA
IPU
CLK Pull-up Current
3.6
VCLKI=VDDH VCLKO=0V,
/OE=VDDH
35
µA
VOHC
CLK Output Voltage High
2.7
IOH=-2mA
2.4
V
VOLC
CLK Output Voltage Low
3.6
IOL=-2mA
90
mV
RPU
CLK Pull-up Resistance
(3)
50
100
k
Ω
RON
Switch On Resistance
(4)
2.7
VCMD, DAT[3:0]=0V, ION=-2mA,
See Figure 5
4
6
Ω
∆R
ON
Delta On Resistance
(4, 5)
2.7
VCMD, DAT[3:0]=0V, ION=- 2mA
0.8
Ω
Power Supply
ICC(VDDH)
Quiescent Supply Current
(Host)
0
VDDH=1.95V, VSW=0 or VDDH,
IOUT=0
1
µA
ICC(VDDC1,
VDDC2)
Quiescent Supply Current
(SDIO Cards)
3.6
VSW=0 or VDDx, IOUT=0,
VCLKI=VDDH, VCLKO=Open,
/OE=0V
1
µA
∆I
CARD
Delta ICC(VDDC1, VDDC2) for
One Card Powered Off
3.6V
/ 0V
VSW=0 or VDDx, IOUT=0,
VCLKI=VDDH, VCLKO=Open,
/OE=0V
1
µA
Notes:
3.
Guaranteed by characterization, not production tested.
4.
On resistance is determined by the voltage drop between the switch I/O pins at the indicated current through the switch.
5.
∆ R
ON=RON max – RON min measured at identical VCC, temperature, and voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com