Electronic Components Datasheet Search
  English  ▼

X  

85311AMILF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 85311AMILF
Description  Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

85311AMILF Datasheet(HTML) 3 Page - Integrated Device Technology

  85311AMILF Datasheet HTML 1Page - Integrated Device Technology 85311AMILF Datasheet HTML 2Page - Integrated Device Technology 85311AMILF Datasheet HTML 3Page - Integrated Device Technology 85311AMILF Datasheet HTML 4Page - Integrated Device Technology 85311AMILF Datasheet HTML 5Page - Integrated Device Technology 85311AMILF Datasheet HTML 6Page - Integrated Device Technology 85311AMILF Datasheet HTML 7Page - Integrated Device Technology 85311AMILF Datasheet HTML 8Page - Integrated Device Technology 85311AMILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
©2016 Integrated Device Technology, Inc.
Revision B, February 18, 2016
85311I Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. 
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond 
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for 
extended periods may affect product reliability.
DC Electrical Characteristics
Table 3A. Power Supply DC Characteristics, VCC = 3.3V±5% or 2.5V±5%, VEE = 0V, TA = -40°C to 85°C
Table 3B. Differential DC Characteristics, VCC = 3.3V±5% or 2.5V±5%, VEE = 0V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode voltage is defined as VIH.
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO 
Continuos Current
Surge Current
50mA
100mA
Storage Temperature, TSTG
-65C to 150C
Package Thermal Impedance, JA
103C/W (0 lfpm)
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Positive Supply Voltage
3.135
3.3
3.465
V
2.375
2.5
2.625
V
IEE
Power Supply Current
25
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
nCLK
VCC = VIN = 3.465V or 2.625V
5
µA
CLK
VCC = VIN = 3.465V or 2.625V
150
µA
IIL
Input Low Current
nCLK
VCC = 3.465V or 2.625V, VIN = 0V
-150
µA
CLK
VCC = 3.465V or 2.625V, VIN = 0V
-5
µA
VPP
Peak-to-Peak Input Voltage;
NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage; 
NOTE 1, 2
VEE + 0.5
VCC – 0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com