Electronic Components Datasheet Search
  English  ▼

X  

85311AMILF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 85311AMILF
Description  Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

85311AMILF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 85311AMILF Datasheet HTML 3Page - Integrated Device Technology 85311AMILF Datasheet HTML 4Page - Integrated Device Technology 85311AMILF Datasheet HTML 5Page - Integrated Device Technology 85311AMILF Datasheet HTML 6Page - Integrated Device Technology 85311AMILF Datasheet HTML 7Page - Integrated Device Technology 85311AMILF Datasheet HTML 8Page - Integrated Device Technology 85311AMILF Datasheet HTML 9Page - Integrated Device Technology 85311AMILF Datasheet HTML 10Page - Integrated Device Technology 85311AMILF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
©2016 Integrated Device Technology, Inc.
Revision B, February 18, 2016
85311I Datasheet
Parameter Measurement Information
3.3V Core/ 3.3V LVPECL Output Load AC Test Circuit
Differential Input Level
Part-to-Part Skew
2.5V Core/ 2.5V LVPECL Output Load AC Test Circuit
Output Skew
Propagation Delay
SCOPE
Qx
nQx
VEE
VCC
2V
-1.3V ± 0.165V
V
CMR
Cross Points
V
PP
VCC
VEE
nCLK
CLK
tsk(pp)
Par t 1
Par t 2
nQx
Qx
nQy
Qy
SCOPE
Qx
nQx
VEE
VCC
2V
-0.5V ± 0.125V
nQx
Qx
nQy
Qy
tPD
nCLK
CLK
nQ[0:1]
Q[0:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com