Electronic Components Datasheet Search
  English  ▼

X  

621MLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 621MLF
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

621MLF Datasheet(HTML) 2 Page - Integrated Device Technology

  621MLF Datasheet HTML 1Page - Integrated Device Technology 621MLF Datasheet HTML 2Page - Integrated Device Technology 621MLF Datasheet HTML 3Page - Integrated Device Technology 621MLF Datasheet HTML 4Page - Integrated Device Technology 621MLF Datasheet HTML 5Page - Integrated Device Technology 621MLF Datasheet HTML 6Page - Integrated Device Technology 621MLF Datasheet HTML 7Page - Integrated Device Technology 621MLF Datasheet HTML 8Page - Integrated Device Technology 621MLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ICS621
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT® LOW SKEW 1 TO 4 CLOCK BUFFER
2
ICS621
REV G 051310
Pin Assignment (8-pin SOIC)
Pin Assignment (8-pin DFN)
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of 0.01 µF
should be connected between VDD on pin 7 and GND on pin 6, as close to the device as possible. A 33 Ω series
terminating resistor may be used on each clock output if the trace is longer than 1 inch.
To achieve the low output skew that the ICS621 is capable of, careful attention must be paid to board layout.
Essentially, all four outputs must have identical terminations, identical loads and identical trace geometries. If they
do not, the output skew will be degraded. For example, using a 30Ω series termination on one output (with 33Ω on
the others) will cause at least 15 ps of skew.
1
2
3
4
5
6
7
8
ICLK
Q1
Q2
Q3
Q4
OE
VDD
GND
1
Q3
Q2
GND
VDD
Q1
Q4
ICLK
OE
5
8
4
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ICLK
Input
Clock Input. 3.3 V tolerant input.
2
Q1
Output
Clock Output 1.
3
Q2
Output
Clock Output 2.
4
Q3
Output
Clock Output 3.
5
Q4
Output
Clock Output 4.
6
GND
Power
Connect to ground.
7
VDD
Power
Connect to +1.2 V or +1.8 V.
8
OE
Input
Output Enable. Tri-states outputs when low. Connect to VDD for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com