Electronic Components Datasheet Search
  English  ▼

X  

621MLF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 621MLF
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

621MLF Datasheet(HTML) 4 Page - Integrated Device Technology

  621MLF Datasheet HTML 1Page - Integrated Device Technology 621MLF Datasheet HTML 2Page - Integrated Device Technology 621MLF Datasheet HTML 3Page - Integrated Device Technology 621MLF Datasheet HTML 4Page - Integrated Device Technology 621MLF Datasheet HTML 5Page - Integrated Device Technology 621MLF Datasheet HTML 6Page - Integrated Device Technology 621MLF Datasheet HTML 7Page - Integrated Device Technology 621MLF Datasheet HTML 8Page - Integrated Device Technology 621MLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ICS621
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT® LOW SKEW 1 TO 4 CLOCK BUFFER
4
ICS621
REV G 051310
DC Electrical Characteristics
VDD=1.2 V ±
5%
, Ambient temperature -40 to +85° C or 0 to +70° C, unless stated otherwise
Notes: 1. Nominal switching threshold is VDD/2
VDD=1.5 V ±
5%
, Ambient temperature -40 to +85° C or 0 to +70° C, unless stated otherwise
Notes: 1. Nominal switching threshold is VDD/2
VDD=1.8 V ±5%
, Ambient temperature -40 to +85° C or 0 to +70° C, unless stated otherwise
Notes: 1. Nominal switching threshold is VDD/2
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
1.14
1.26
V
Input High Voltage
VIH
Note 1, ICLK, OE
0.65VDD
3.6
V
Input Low Voltage
VIL
Note 1, ICLK, OE
0.35VDD
V
Output High Voltage
VOH
IOH = -2 mA
0.75VDD
V
Output Low Voltage
VOL
IOL = 2 mA
0.25VDD
V
Operating Supply Current
IDD
No load, 133 MHz
TBD
mA
Nominal Output Impedance
ZO
20
Ω
Input Capacitance
CIN
ICLK, OE pin
5
pF
Short Circuit Current
IOS
±20
mA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
1.425
1.575
V
Input High Voltage
VIH
Note 1, ICLK, OE
0.65VDD
3.6
V
Input Low Voltage
VIL
Note 1, ICLK, OE
0.35VDD
V
Output High Voltage
VOH
IOH = -6 mA
0.75VDD
V
Output Low Voltage
VOL
IOL = 6 mA
0.25VDD
V
Operating Supply Current
IDD
No load, 133 MHz
25
mA
Nominal Output Impedance
ZO
20
Ω
Input Capacitance
CIN
ICLK, OE pin
5
pF
Short Circuit Current
IOS
±28
mA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
1.71
1.89
V
Input High Voltage, ICLK
VIH
Note 1, ICLK, OE
0.65VDD
3.6
V
Input Low Voltage, ICLK
VIL
Note 1, ICLK, OE
0.35VDD
V
Output High Voltage
VOH
IOH = -8 mA
1.35
V
Output Low Voltage
VOL
IOL = 8 mA
0.45
V
Operating Supply Current
IDD
No load, 133 MHz
50
mA
Nominal Output Impedance
ZO
20
Ω
Input Capacitance
CIN
ICLK, OE pin
5
pF
Short Circuit Current
IOS
±50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com