Electronic Components Datasheet Search
  English  ▼

X  

FSA642 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSA642
Description  Low-Power, Three-Port, High-Speed MIPI Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA642 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSA642 Datasheet HTML 4Page - ON Semiconductor FSA642 Datasheet HTML 5Page - ON Semiconductor FSA642 Datasheet HTML 6Page - ON Semiconductor FSA642 Datasheet HTML 7Page - ON Semiconductor FSA642 Datasheet HTML 8Page - ON Semiconductor FSA642 Datasheet HTML 9Page - ON Semiconductor FSA642 Datasheet HTML 10Page - ON Semiconductor FSA642 Datasheet HTML 11Page - ON Semiconductor FSA642 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.onsemi.com
8
Test Diagrams (Continued)
Figure 12. Break-Before-Make Interval Tim ing
V
OUT
GND
GND
R
T
GND
GND
V
S
R
S
Network Analyzer
VSel
GND
R
S and RT are functions of the application
environment (see AC Tables for specific values).
V
IN
Figure 13. Bandw idth
R
S and RT are functions of the application
environment (see AC Tables for specific values).
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
VSel
GND
VIN
RT
Off isolation = 20 Log (VOUT / VIN)
Figure 14. Channel Off Isolation
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
R
S and RT are functions of the application environment
(see AC Tables for specific values).
VSel
GND
NC
VIN
Crosstalk = 20 Log (VOUT / VIN)
Figure 15. Non-Adjacent Channel-to-Channel Crosstalk
V
cc
0.9*V
o
u
t
V
cc/2
t
BBM
0V
V
OUT
Input - V
Se l
0.9*Vo
u
t
t
RISE= 2.5ns
9
0
%
1
0
%
CL
HSDn
RL
Dn
GND
GND
RS
VSel
V
SW1
GND
VOUT
V
SW2
GND
--
R
L , R
S , and C L ar
e
functions of the application
environment (see AC Tables for specific v
a
lues).
C
L includes test fixture and str a
y
capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com