Electronic Components Datasheet Search
  English  ▼

X  

FSA642 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA642
Description  Low-Power, Three-Port, High-Speed MIPI Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA642 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA642 Datasheet HTML 1Page - ON Semiconductor FSA642 Datasheet HTML 2Page - ON Semiconductor FSA642 Datasheet HTML 3Page - ON Semiconductor FSA642 Datasheet HTML 4Page - ON Semiconductor FSA642 Datasheet HTML 5Page - ON Semiconductor FSA642 Datasheet HTML 6Page - ON Semiconductor FSA642 Datasheet HTML 7Page - ON Semiconductor FSA642 Datasheet HTML 8Page - ON Semiconductor FSA642 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.onsemi.com
2
Pin Configuration
NC
DB1P
DB1N
CLKBP
CLKBN
DB2P
NC
DA2N
SEL
VCC
GND
/OE
642
1
2
3
4
5
6
18
17
16
15
14
13
12
11
10
9
8
7
19
20
21
22
23
24
Figure 2. Pin Configuration (Top Through View )
Pin Definitions
Pin #
Name
Description
1, 2
CLKP, CLKN
Clock Path (Common)
3, 4
D1P, D1N
Data Path 1 (Common)
5, 6
D2P, D2N
Data Path 2 (Common)
7, 24
NC
No Connect (Float)
8
/OE
Output Enable (Active Low )
9
GND
Ground
10
VCC
Pow er
11
SEL
Select (0=A, 1=B)
12, 13
DA2N, DA2P
Data Path (A2)
14, 15
DA1N, DA1P
Data Path (A1)
16, 17
CLKAN, CLKAP
Clock Path (A)
18, 19
DB2N, DB2P
Data Path (2B)
20, 21
DB1P, DB1N
Data Path (1B)
22, 23
CLKBP, CLKBN,
Clock Path (B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com