Electronic Components Datasheet Search
  English  ▼

X  

FSA644 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSA644
Description  2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA644 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSA644 Datasheet HTML 3Page - ON Semiconductor FSA644 Datasheet HTML 4Page - ON Semiconductor FSA644 Datasheet HTML 5Page - ON Semiconductor FSA644 Datasheet HTML 6Page - ON Semiconductor FSA644 Datasheet HTML 7Page - ON Semiconductor FSA644 Datasheet HTML 8Page - ON Semiconductor FSA644 Datasheet HTML 9Page - ON Semiconductor FSA644 Datasheet HTML 10Page - ON Semiconductor FSA644 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.fairchildsemi.com
© 2011 Fairchild Semiconductor Corporation
FSA644 • Rev.
2
7
High-Speed-Related AC Electrical Characteristics
Symbol
Parameter
Conditions
VCC (V)
TA=- 40ºC to +85ºC
Unit
Min.
Typ.
Max.
tSK(O)
Channel-to-Channel Single-
Ended Skew
(6)
TDR-Based Method
(VSW=0.2 VPP, CL=CON)
3.3
6
20
ps
tSK(P)
Skew of Opposite Transitions of
the Same Output
(6)
TDR-Based Method
(VSW=0.2 VPP, CL=CON)
3.3
6
20
ps
Note:
6.
Guaranteed by characterization.
Capacitance
Symbol
Parameter
Conditions
TA=- 40ºC to +85ºC
Unit
Min.
Typ.
Max.
CIN
Control Pin Input Capacitance
VCC=0 V, f=1 MHz
2.1
pF
CON
Out On Capacitance
VCC=3.3 V, /OE=0 V, f=1 MHz
5.2
COFF
Out Off Capacitance
VCC and /OE=3.3 V, f=1 MHz
2.0
Ordering Information
Part
Number
Top
Mark
Package
D
E
X
Y
FSA644UCX
M7
36-Ball WLCSP, Non-JEDEC 2.36 mm x 2.36 mm, 0.4 mm
Pitch
2.36 mm 2.36 mm 0.18 mm 0.18 mm
FSA644BUCX
KM
36-Ball WLCSP, Non-JEDEC 2.415 mm x 2.415 mm,
0.4 mm Pitch
2.415 mm 2.415 mm 0.208 mm 0.208 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com