Electronic Components Datasheet Search
  English  ▼

X  

FSA644 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA644
Description  2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA644 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA644 Datasheet HTML 1Page - ON Semiconductor FSA644 Datasheet HTML 2Page - ON Semiconductor FSA644 Datasheet HTML 3Page - ON Semiconductor FSA644 Datasheet HTML 4Page - ON Semiconductor FSA644 Datasheet HTML 5Page - ON Semiconductor FSA644 Datasheet HTML 6Page - ON Semiconductor FSA644 Datasheet HTML 7Page - ON Semiconductor FSA644 Datasheet HTML 8Page - ON Semiconductor FSA644 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
May 2018
www.fairchildsemi.com
© 2011 Fairchild Semiconductor Corporation
FSA644 • Rev.
2
FSA644 — 2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
Features
Switch Type
SPDT (10x)
Signal Types
MIPI, D-PHY
VCC
1.65 to 4.5 V
Input Signals
0 to VCC
RON
6
Ω Typical HS MIPI
8
Ω Typical LP MIPI
∆RON
0.6
Ω Typical HS & LP MIPI
RON_FLAT
0.3
Ω Typical
ICCZ
0.5 µA Maximum
ICC
32 µA Maximum
OIRR
-40 dB Typical
XTALK
-25 dB Typical
Bandwidth
1100 MHz Minimum
Channel-to-Channel Skew
6 ps Typical
CON
5.2 pF
Operating Temperature
-40 to +85°C
Package
36-Ball WLCSP
FSA644UCX Top Mark
M7
Ordering Information
FSA644UCX
FSA644BUCX Top Mark
KM
Ordering Information
FSA644BUCX
Description
The FSA644 is a four-data-lane, MIPI, D-PHY switch. This
single-pole, double-throw (SPDT) switch is optimized for
switching between two high-speed or low-power MIPI
sources. The FSA644 is designed for the MIPI specification
and allows connection to a CSI or DSI module.
Applications
Cellular Phones, Smart Phones
Displays
Related Resources
FSA644 Demonstration Board
Typical Application
Figure 1. Mobile Phone Example
FSA644
4-Data Lane
MIPI Switch
MIPI
Module #1
CSI / DSI
MIPI
Module #2
CSI / DSI
Processor
CLK
Data [1:4]
CLK
Data [1:4]
CLK
Data [1:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com