Electronic Components Datasheet Search
  English  ▼

X  

FSA660TMX Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA660TMX
Description  2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA660TMX Datasheet(HTML) 2 Page - ON Semiconductor

  FSA660TMX Datasheet HTML 1Page - ON Semiconductor FSA660TMX Datasheet HTML 2Page - ON Semiconductor FSA660TMX Datasheet HTML 3Page - ON Semiconductor FSA660TMX Datasheet HTML 4Page - ON Semiconductor FSA660TMX Datasheet HTML 5Page - ON Semiconductor FSA660TMX Datasheet HTML 6Page - ON Semiconductor FSA660TMX Datasheet HTML 7Page - ON Semiconductor FSA660TMX Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
September 2016
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA660 • Rev. 1.0
FSA660
—2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane
Switch
Features
Switch Type: SPDT(3x)
Signal Types:
- MIPI, C-PHY
V
CC: 1.5 to 5.0 V
Input Signals: 0 to 2.1 V
R
ON: 5.4
Ω Typical
ΔR
ON: 0.1
Ω Typical
R
ON_FLAT: 0.9
Ω Typical
I
CCZ:1 µA Maximum
I
CC: 12 µA Typical
O
IRR : -28 dB Typical
Bandwidth: 5G Hz Typical
I
L: -1.0 dB Typical
Xtalk: -44 dB Typical
C
ON: 0.8 pF Typical
Description
The FSA660 is a one-data-lane MIPI, C-PHY switch.
This Single-Pole, Double-Throw (SPDT) switch is
optimized for switching between two high-speed or low-
power MIPI sources. The FSA660 is designed for the
MIPI specification and allows connection to a CSI or DSI
module.
Applications
Smart phones
Tablets
Laptops
Displays
Processor
C-PHY
Lane
Module
MANAGE
MENT
MIPI Module#1
MIPI Module#2
/OE
SEL
VCC
GND
FSA660
A1
B1
C1
C-PHY
Lane
Module
MANAGE
MENT
A2
B2
C2
C-PHY
Lane
Module
MANAGE
MENT
A
B
C
Figure 1.
Typical Application
Ordering Information
Part Number
Operating
Temperature Range
Package
Top Mark
FSA660TMX
-40 to +85°C
18-Lead, Quad, Ultra-ultrathin Molded Leadless
Package (TMLP), 2.0 mm x 2.8 mm x 0.375 mm
LS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com