Electronic Components Datasheet Search
  English  ▼

X  

FSA660TMX Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSA660TMX
Description  2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA660TMX Datasheet(HTML) 3 Page - ON Semiconductor

  FSA660TMX Datasheet HTML 1Page - ON Semiconductor FSA660TMX Datasheet HTML 2Page - ON Semiconductor FSA660TMX Datasheet HTML 3Page - ON Semiconductor FSA660TMX Datasheet HTML 4Page - ON Semiconductor FSA660TMX Datasheet HTML 5Page - ON Semiconductor FSA660TMX Datasheet HTML 6Page - ON Semiconductor FSA660TMX Datasheet HTML 7Page - ON Semiconductor FSA660TMX Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA660 • Rev. 1.0
2
Pin Descriptions
A
B
C
A1
A2
B1
B2
C1
C2
SEL
/OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
GND
A
B
GND
NC
C
B2
A2
GND
NC
C1
SEL
/OE
C2
NC
GND
VCC
B1
A1
Figure 2.
Analog Symbol
Figure 3. Pin Assignment(Top Through View)
Truth Table
SEL
/OE
Function
HIGH
LOW
A=A2,B=B2,C=C2
LOW
LOW
A=A1,B=B1,C=C1
X
HIGH
A,B,C Data Ports High Impedance
Pin Definitions
Pin Name
Description
A1
1-Side Data Path A
B1
1-Side Data Path B
C1
1-Side Data Path C
A2
2-Side Data Path A
B2
2-Side Data Path B
C2
2-Side Data Path C
A
Common Data Path A
B
Common Data Path B
C
Common Data Path C
/OE
Output Enable
SEL
Control Pin
SEL=0
A=A1,B=B1,C=C1
SEL=1
A=A2,B=B2,C=C2
VCC
Power
GND
Ground
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com