Electronic Components Datasheet Search
  English  ▼

X  

CMP250PS36 Datasheet(PDF) 8 Page - XP Power Limited

Part # CMP250PS36
Description  AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CMP250PS36 Datasheet(HTML) 8 Page - XP Power Limited

  CMP250PS36 Datasheet HTML 1Page - XP Power Limited CMP250PS36 Datasheet HTML 2Page - XP Power Limited CMP250PS36 Datasheet HTML 3Page - XP Power Limited CMP250PS36 Datasheet HTML 4Page - XP Power Limited CMP250PS36 Datasheet HTML 5Page - XP Power Limited CMP250PS36 Datasheet HTML 6Page - XP Power Limited CMP250PS36 Datasheet HTML 7Page - XP Power Limited CMP250PS36 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CMP250 Series
www.xppower.com
26 Jan 18
AC-DC Power Supplies
Estimated Service Life vs Component Temperature
In order to ensure safe operation of the PSU in the end-use equipment, the temperature of the components listed in the table below must
not be exceeded. Temperature should be monitored using K type thermocouples placed on the hottest part of the component
(out of direct air flow). See below for component locations.
The estimated service life of the CMP250 Series is determined by the cooling arrangements and load conditions experienced in the end
application. Due to the uncertain nature of the end application this estimated service life is based on the actual measured temperature of a
key capacitors within the product when installed in the end application. The worst case of the two figures below should be taken as the
indicative service life in 24/7 operation.
The graphs below expresses the estimated lifetime of a given component temperature and assumes continuous operation at this temperature.
Temperature Measurements (At Ambient 50 °C)
Component
Max Temperature °C
PFC1 Coil
120 ° C
T1 Coil
120 ° C
C5
105 ° C
C3
105 ° C
BR1
130 ° C
L12
130 ° C
L13
130 ° C
Thermal Considerations
Service Life
PFC1
BR1
L13
L12
T1
C5
C3
C5 Temperature (°C)
C
0
20000
40000
60000
80000
100000
120000
140000
160000
180000
105
95
85
75
65
55
C3 Temperature (°C)
0
50000
100000
150000
200000
250000
105
95
85
75
65
55



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com