Electronic Components Datasheet Search
  English  ▼

X  

CMP250PS36 Datasheet(PDF) 1 Page - XP Power Limited

Part # CMP250PS36
Description  AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CMP250PS36 Datasheet(HTML) 1 Page - XP Power Limited

  CMP250PS36 Datasheet HTML 1Page - XP Power Limited CMP250PS36 Datasheet HTML 2Page - XP Power Limited CMP250PS36 Datasheet HTML 3Page - XP Power Limited CMP250PS36 Datasheet HTML 4Page - XP Power Limited CMP250PS36 Datasheet HTML 5Page - XP Power Limited CMP250PS36 Datasheet HTML 6Page - XP Power Limited CMP250PS36 Datasheet HTML 7Page - XP Power Limited CMP250PS36 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CMP250 Series
AC-DC Power Supplies
The universal AC input CMP250 provides up to 500 W peak power and 250 W convection-cooled in a
7.5” x 4” package, over the temperature range -40 °C to +50 °C with derating to +70 °C. Approved for
IT and Medical (BF) applications and with a feature set including constant current overload
characteristics, a 5 V/1.5 A standby output, 12 V/0.6 A auxiliary, AC OK signal, inhibit, current share the
CMP250 is ideal for motors and other electromechanical loads, without the need for fan cooling, in both
industrial and medical applications.
• 250 W Convection-cooled Rating
• 500 W Peak Power
• IT & Medical Safety (BF) Approvals
• U Channel 4”x 7.5” Package
• 80 VAC to 300 VAC Input
• 5 V/1.5A Standby & 12 V/0.6 A Auxiliary
• AC OK Signal, Inhibit
• Current Share
• 3 Year Warranty
250/500 Watts Peak
Dimensions:
CMP250:
7.50 x 4.00 x 1.57” (190.5 x 101.6 x 39.9 mm)
CMP250-C:
7.89 x 4.12 x 1.92” (200.5 x 104.6 x 48.8 mm)
www.xppower.com
1
Models & Ratings
Notes
1. Add suffix '-C' for covered version, e.g. CMP250PS24-C (20% derating applies)
2. Peak current/power available for up to 1 minute. Average power must not exceed 225 W, other peak and average load conditions can be accommodated limited by
the thermal considerations and average power rating. Peak power and average power derate below 90 VAC.
Output Voltage V1
Output Current V1
Standby Supply
V2
Aux. Supply
V3
Output Power
Model Number(1)
Convection
Peak
Convection
Peak(2)
24 V
10.4 A
20.8 A
5.0 V / 1.5 A
12.0 V / 0.6 A
250 W
500 W
CMP250PS24
36 V
6.9 A
13.8 A
5.0 V / 1.5 A
12.0 V / 0.6 A
250 W
500 W
CMP250PS36
48 V
5.2 A
10.4 A
5.0 V / 1.5 A
12.0 V / 0.6 A
250 W
500 W
CMP250PS48
Summary
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Range
80
115/230
264
VAC
Derate output power <90 VAC, see fig.1
300
0.5 seconds max
No Load Input Power
1.3
W
All models, when optional inhibit activated
Input Frequency
47
50/60
63
Hz
Power Factor
>0.95
EN61000-3-2 class A compliant
EN61000-3-2 class C for loads ≥50%
Input Current - Full Load
5.2/2.6
A
115/230 VAC. 500 W
Inrush Current
30
40
A
Cold start 25 °C, 230 VAC
Earth Leakage Current
100/200
250
µA
Typ. 115/230 VAC 50 Hz, Max 264 VAC 60 Hz
Patient Leakage Current
55
80
µA
Efficiency
89
%
230 VAC, 250 W
Operating Temperature
-40
+70
°C
See derating curve, fig.8 and Thermal Considerations on
page 8
EMC
EN55032/11 Class B Conducted & Radiated, EN61000-3-2, EN61000-3-3
Safety Approvals
EN62368-1, UL62368-1, CSA C22.2 No. 62368-1, IEC62368-1, IEC60950-1 Ed 2, IEC60601-1 Ed 3 Including Risk Management,
ANSI/AAMI ES60601-1:2005 & CSA C22.2, No.60601-1:14


Similar Part No. - CMP250PS36

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMP2512 BOURNS-CMP2512 Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2512-FW-1002ELF BOURNS-CMP2512-FW-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2512-FX-1002ELF BOURNS-CMP2512-FX-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2512-JW-1002ELF BOURNS-CMP2512-JW-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2512-JX-1002ELF BOURNS-CMP2512-JX-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
More results

Similar Description - CMP250PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com