Electronic Components Datasheet Search
  English  ▼

X  

PCI930 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCI930
Description  3-TO-1 ZOOMED VIDEO SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI930 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCI930 Datasheet HTML 2Page - Texas Instruments PCI930 Datasheet HTML 3Page - Texas Instruments PCI930 Datasheet HTML 4Page - Texas Instruments PCI930 Datasheet HTML 5Page - Texas Instruments PCI930 Datasheet HTML 6Page - Texas Instruments PCI930 Datasheet HTML 7Page - Texas Instruments PCI930 Datasheet HTML 8Page - Texas Instruments PCI930 Datasheet HTML 9Page - Texas Instruments PCI930 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PCI930
3-TO-1 ZOOMED VIDEO SWITCH
SCPS018B – OCTOBER 1997 – REVISED DECEMBER 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 3. ZV Switch Control and Status Terminals
TERMINAL
TYPE
FUNCTION
NAME
NO.
TYPE
FUNCTION
RESET
116
I
Chip reset. When asserted (driven low), the chip three-states all outputs. In addition, the PCI930
checks for a pullup resistor on the A/B STAT pin as denoted under ZV_xx terminal function.
A/B_STAT
48
I
PC Card ZV (Socket 0 or 1) active. This input indicates that either the A or B source from the PC Card
controller is active. This signal is used with A/B_SEL to determine which socket ZV source drives the
ZV_xx outputs. The A or B source can be passed to ZV_xx if the C source is either of lower precedence,
or is not sourcing valid ZV data, as indicated by the C_STAT signal.
A/B_SEL
49
I
Socket A/B select. When this pin and A/B_STAT are high, the PC Card socket A ZV data is valid. When
this pin is low, and the A/B_STAT input is high, the PC Card socket B ZV data is valid. This input has
no meaning if the A/B_STAT input is low.
C_STAT
50
I
C source status. When this input is high, the ZV source from interface C is valid, and can be driven
to the ZV_xx outputs. The C source can be passed to ZV_xx if the A and B sources are either of lower
precedence, or A or B is not sourcing valid ZV data.
ZV_OE
114
I
ZV output I/F enable. When this terminal is low, the ZV switch drives the ZV_xx terminals.
ZV_STAT
113
O
ZV output status. This terminal is driven high when the ZV switch drives the ZV_xx terminals.
ZV_xx State
N/A
N/A
When a pullup resistor is present on the A/B_STAT pin during RESET, then the ZV_xx interface is
three-stated if the ZV_xx interface is inactive. During the default state, no pullup resistor, a reset drives
the ZV_xx interface to a logic low state when inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com