Electronic Components Datasheet Search
  English  ▼

X  

PCI930 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCI930
Description  3-TO-1 ZOOMED VIDEO SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI930 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCI930 Datasheet HTML 5Page - Texas Instruments PCI930 Datasheet HTML 6Page - Texas Instruments PCI930 Datasheet HTML 7Page - Texas Instruments PCI930 Datasheet HTML 8Page - Texas Instruments PCI930 Datasheet HTML 9Page - Texas Instruments PCI930 Datasheet HTML 10Page - Texas Instruments PCI930 Datasheet HTML 11Page - Texas Instruments PCI930 Datasheet HTML 12Page - Texas Instruments PCI930 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PCI930
3-TO-1 ZOOMED VIDEO SWITCH
SCPS018B – OCTOBER 1997 – REVISED DECEMBER 1997
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 5)
PARAMETER
OPERATION
MIN
NOM
MAX
UNIT
VCC
Core voltage – Commercial
3.3 V
3
3.3
3.6
V
VCCS
I/O voltage – Commercial
5 V
4.75
5
5.25
V
VIH
High-level input voltage†
2
VCCS
V
VIL
Low-level input voltage†
0
0.8
V
VI
Input voltage
0
VCCS
V
VO
Output voltage‡
0
VCCS
V
tt
Input transition (rise and fall) time, see Figure 3
0
25
ns
TA
Operating ambient temperature range
0
25
70
°C
TJ
Virtual junction temperature§
0
25
115
°C
NOTE 5: Unused or floating pins (input or I/O) must be held high or low.
† Applies for external input and bidirectional buffers without hysteresis
‡ Applies for external output buffers.
§ These junction temperatures reflect simulation conditions. Customer is responsible for verifying junction temperature.
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
IOH = –3.6 mA
2.15
V
VOL
Low-level output voltage
IOL = 6.48 mA
0.5
V
IOZL
3-state-output Hi-Z current¶
5.5 V
VI = GND
–10
µA
IOZH
3-state-output Hi-Z current¶
5.5 V
VI = VCC
10
µA
IIL
Low-level input current#
VI = GND
–1
µA
input pins
5.5 V
VI = VCC
1
IIH
High-level input current
A/B_STAT
5.0 V
VI = 3.0 V
230
µA
A/B_SEL
5.0 V
VI = 3.0 V
230
¶ IOZ is not tested on ZV_STAT(pin 113) due to no Z state.
# IIL is not tested on A/B_STAT (pin 48), and A/B_SEL (pin 49) due to internal pulldown resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com