Electronic Components Datasheet Search
  English  ▼

X  

2900421 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2900421
Description  ELR H5-IES-SC- 24DC/500AC-9
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900421 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2900421 Datasheet HTML 1Page - PHOENIX CONTACT 2900421 Datasheet HTML 2Page - PHOENIX CONTACT 2900421 Datasheet HTML 3Page - PHOENIX CONTACT 2900421 Datasheet HTML 4Page - PHOENIX CONTACT 2900421 Datasheet HTML 5Page - PHOENIX CONTACT 2900421 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELR H5-IES-SC- 24DC/500AC-9 Order No.: 2900421
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2900421
PHOENIX CONTACT Inc., USA
Page 3 / 6
http://www.phoenixcon.com
May 6, 2011
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
12
General data
Width
22.5 mm
Height
99 mm
Depth
114.5 mm
Test voltage input/output
4 kVrms
Ambient temperature (operation)
-25 °C ... 70 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Mounting position
Vertical (horizontal DIN rail)
Assembly instructions
Can be aligned with spacing = 20 mm
Operating mode
100% operating factor
Degree of protection
IP20
Name
Standards/regulations
Standards/regulations
DIN EN 50178
EN 60947
Name
Power station requirements
Standards/regulations
DWR 1300 / ZXX01/DD/7080.8d
Name
Air and creepage distances between the power circuits
Standards/regulations
DIN EN 50178
Rated surge voltage / insulation
6 kV/safe isolation
Rated insulation voltage
500 V
Pollution degree
2
Surge voltage category
III
Safety integrity level according to IEC 61508-1
SIL 3 (safe shutdown)
SIL 2 (motor protection)
Category as per ISO 13849-1
3
Performance Level as per ISO 13849-1
e
Category in acc. with EN 954-1
3
Certificates / Approvals
Certification
CB, CUL Listed, UL Listed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com