Electronic Components Datasheet Search
  English  ▼

X  

2900421 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2900421
Description  ELR H5-IES-SC- 24DC/500AC-9
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900421 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2900421 Datasheet HTML 1Page - PHOENIX CONTACT 2900421 Datasheet HTML 2Page - PHOENIX CONTACT 2900421 Datasheet HTML 3Page - PHOENIX CONTACT 2900421 Datasheet HTML 4Page - PHOENIX CONTACT 2900421 Datasheet HTML 5Page - PHOENIX CONTACT 2900421 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELR H5-IES-SC- 24DC/500AC-9 Order No.: 2900421
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2900421
PHOENIX CONTACT Inc., USA
Page 2 / 6
http://www.phoenixcon.com
May 6, 2011
Rated actuating voltage UC
24 V DC
Rated actuating voltage range with reference to
UC
0.8 ... 1.25
Rated actuating current IC
3 mA
Switching threshold "0" signal, voltage
9.6 V
Switching threshold "1" signal voltage
19.2 V
Protective circuit
Protection against polarity reversal Parallel polarity protection
diode
Surge protection
Typical response time
< 35 ms
Typical turn-off time
< 40 ms
Operating voltage display
Green LED
Status display
Yellow LED
Indication
Red LED
Output data, load relay
Output name
AC output
Nominal output voltage
500 V AC
Nominal output voltage range
42 V AC ... 550 V AC
Load current
max. 9 A (see derating curve)
Leakage current
0 mA
Residual voltage
< 0.5 V
Surge current
100 A (t = 10 ms)
Type of protection
Surge protection
Output name
Acknowledge output
Note
Confirmation 01: Floating PDT contact
Nominal output voltage
max. 253 V AC 0% ... 100% (300 V DC)
Continuous load current
2 A
Output data, signaling contact
Measuring via
Current transformer for line current on L1 and L3
Connection data
Connection method
Screw connection
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
2.5 mm²



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com