Electronic Components Datasheet Search
  English  ▼

X  

TP78L2.5 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP78L2.5
Description  Wide Input Non-Isolated & Regulated Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP78L2.5 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP78L2.5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP78L2.5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP78L2.5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP78Lxx-1.5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION
:
:
:
:
TP78LXX-1.5 series switching regulators are ideal replacement for TP78xx linear regulators
and LDOs. The efficiency of up to 95% means that very little energy is wasted as heat so
there is no need for any heat sinks with their additional space and mounting costs. They are
widely used in industrial control, instrumentation, and electric power applications.
Wide Input Non-Isolated & Regulated Single Output
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min
Typ.
Max.
Units
Output voltage accuracy
100% full load, input voltage range
±2
±3
%
Line regulation
Vin=min. to max, at full load
±0.5
±0.75
Load regulation
10% to 100% load
±0.5
±1.0
Ripple & Noise
20MHz bandwidth
20
45
mvp-p
Short circuit input power
0.5
1.8
W
Short circuit protection
Continuous, automatic recovery
Thermal shutdown
Internal IC junction
150
℃
Output current limit
5000
mA
Switching frequency
Full load, input voltage range
300
340
380
KHz
Quiescent current
5
10
mA
Temperature coefficient
–40 ~+85
℃
℃ ambient
±0.02
%/℃
Max capacitance load
1000
µF
All specifications typical at TA=25ºC, nominal input voltage and rated output current unless otherwise specified.
COMMON SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
℃
Operating temperature
Power derating (above 71ºC)
-40
85
Operating case temp
100
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
25
℃(MIL-HDBK-217F)
2000
k hours
Weight
3.7
g
FEATURES
ROHS Compliant
Wide input non-isolated
、regulated single output
Efficiency up to 95%
Short circuit protection, Thermal shutdown
Temperature range: -40ºC ~ +85ºC
Low ripple noise
SIP package
No heat sink required
Industry standard pinout
SELECTION GUIDE
Part Number
Input Voltage (VDC)
Output
Efficiency
(%)
Nominal
Range
Voltage
(VDC)
Current
(mA)
Vin (Min)
Vin(Max)
TP78L1.5
12
4.75~18
1.5
1500
83
78
TP78L1.8
12
4.75~18
1.8
1500
85
81
TP78L2.5
12
4.75~18
2.5
1500
88
85
TP78L3.3
12
4.75~18
3.3
1500
91
88
TP78L5.0
12
6.5-18
5.0
1500
93
91
TP78L6.5
12
8-18
6.5
1500
95
93
The above part number with "L" Suffix are 90˚ bent pins power converters, for example TP78L1.5-1.5L.
TOPPOWER


Similar Part No. - TP78L2.5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP78L2.5 TOPPOWER-TP78L2.5 Datasheet
299Kb / 3P
Wide Input Non-Isolated & Regulated Single Output
TP78L2.5-1 TOPPOWER-TP78L2.5-1 Datasheet
475Kb / 3P
Wide Input Non-Isolated & Regulated Single Output
TP78L2.5-1 TOPPOWER-TP78L2.5-1 Datasheet
794Kb / 3P
Wide Input Non-Isolated & Regulated Single Output
TP78L2.5-1.5 TOPPOWER-TP78L2.5-1.5 Datasheet
796Kb / 3P
Wide Input Non-Isolated & Regulated Single Output
More results

Similar Description - TP78L2.5

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
Wide Input Non-Isolated & Regulated Single Output
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
Wide Input Non-Isolated & Regulated, Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com