Electronic Components Datasheet Search
  English  ▼

X  

TP78L2.5 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP78L2.5
Description  Wide Input Non-Isolated & Regulated Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP78L2.5 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP78L2.5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP78L2.5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP78L2.5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP78Lxx-1.5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales@gztoppower.com
page 2 of 3
TEMPERATURE DERATING GRAPHS
EXTERNAL CAPACITOR TABLE
Part Number
C1(Ceramic Capacitor)
C2(Ceramic Capacitor)
TP78L1.5-1.5
10
μF/25V
22
μF/6.3V
TP78L1.8-1.5
10
μF/25V
22
μF/6.3V
TP78L2.5-1.5
10
μF/25V
22
μF/6.3V
TP78L3.3-1.5
10
μF/25V
22
μF/6.3V
TP78L5.0-1.5
10
μF/25V
22
μF/16V
TP78L6.5-1.5
10
μF/25V
22
μF/16V
STANDARD APPLICATION CIRCUIT
Note:
1. C1 and C2 are required and should be fitted close to the converter pins.
2. The capacitance of C1,C2 sees external capacitor table, it can be increased properly if required, and tantalum or low ESR electrolytic capacitors may also suffice.
3. No parallel connection or plug and play.
TEST CONFIGURATIONS(TA=25℃)
1.Efficiency and Output Voltage Ripple Test
2.2.Start-up and Load Transient Response Test
25.4 mm
25.4 mm
12.7 mm
DC/DC Converter
1
2
3
+Vin
GND
Ceramic Tantalum
Scope
Load
25.4 mm
C1
C2
Copper strip
Copper strip
+Vout
1uF
1uF
DC/DC Converter
1
2
3
+Vin
GND
Scope
Load
25.4 mm
C1
C2
Copper strip
50.8 mm
+Vout
Copper strip
TP78LXX-1.5
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com