Electronic Components Datasheet Search
  English  ▼

X  

TC1268 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1268
Description  500mA Fixed Output, Fast Response CMOS LDO with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1268 Datasheet(HTML) 1 Page - Microchip Technology

  TC1268 Datasheet HTML 1Page - Microchip Technology TC1268 Datasheet HTML 2Page - Microchip Technology TC1268 Datasheet HTML 3Page - Microchip Technology TC1268 Datasheet HTML 4Page - Microchip Technology TC1268 Datasheet HTML 5Page - Microchip Technology TC1268 Datasheet HTML 6Page - Microchip Technology TC1268 Datasheet HTML 7Page - Microchip Technology TC1268 Datasheet HTML 8Page - Microchip Technology TC1268 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21379B-page 1
TC1268
Features
• Very Low Dropout Voltage
• 500mA Output Current
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Over Current and Over Temperature Protection
• SHDN Input for Active Power Management
• ERROR Output to Detect Low Battery
•5
µsec (typical) Wake-up Time from SHDN
Applications
• RAMBUS Memory Module
• Battery-Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulator for SMPS
• Pagers
• Digital Cameras
Device Selection Table
*Other output voltages and package options are available.
Please contact Microchip Technology Inc. for details.
Package Type
General Description
The TC1268 is a fixed output, fast turn-on, high
accuracy
(typically
±0.5%)
CMOS
low
dropout
regulator. Designed specifically for battery-operated
systems, the TC1268’s CMOS construction eliminates
wasted ground current, significantly extending battery
life. Total supply current is typically 80
µA at full load (20
to 60 times lower than in bipolar regulators).
TC1268’s key features include ultra low noise, very low
dropout voltage (typically 350mV at full load), and
fast response to step changes in load. The TC1268
also has a fast wake-up response time (5
µsec typically)
when
released
from
shutdown.
The
TC1268
incorporates both over temperature and over current
protection. The TC1268 is stable with an output
capacitor of only 1
µF and has a maximum output
current of 500mA.
Typical Application
Part Number
Output*
Voltage
(V)
Package
Junction
Temp. Range
TC1268-2.5VOA
2.5
8-Pin SOIC -40°C to +125°C
1
2
3
4
8
7
6
5
TC1268
NC
SHDN
8-Pin SOIC
GND
NC
BYPASS
VOUT
VIN
ERROR
TC1268
VIN
VOUT
COUT
1
µF
GND
VOUT
VIN
SHDN
SHDN
+
500mA Fixed Output, Fast Response CMOS LDO with Shutdown


Similar Part No. - TC1268

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC126 MICROCHIP-TC126 Datasheet
459Kb / 12P
PFM Step-Up DC/DC Regulators
2002
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
591Kb / 20P
500 mA Fixed Output CMOS LDO
Revision D October 2023
More results

Similar Description - TC1268

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
500mA Fixed Output CMOS LDO with Shutdown
2002
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com